Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BUS Datasheet(PDF) 37 Page - Christian Bürkert GmbH & Co. KG

Part # BUS
Description  Bürkert System Bus
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURKERT [Christian Bürkert GmbH & Co. KG]
Direct Link  https://www.burkert.com/en
Logo BURKERT - Christian Bürkert GmbH & Co. KG

BUS Datasheet(HTML) 37 Page - Christian Bürkert GmbH & Co. KG

Back Button BUS Datasheet HTML 33Page - Christian Bürkert GmbH & Co. KG BUS Datasheet HTML 34Page - Christian Bürkert GmbH & Co. KG BUS Datasheet HTML 35Page - Christian Bürkert GmbH & Co. KG BUS Datasheet HTML 36Page - Christian Bürkert GmbH & Co. KG BUS Datasheet HTML 37Page - Christian Bürkert GmbH & Co. KG BUS Datasheet HTML 38Page - Christian Bürkert GmbH & Co. KG BUS Datasheet HTML 39Page - Christian Bürkert GmbH & Co. KG BUS Datasheet HTML 40Page - Christian Bürkert GmbH & Co. KG BUS Datasheet HTML 41Page - Christian Bürkert GmbH & Co. KG Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 42 page
background image
Type büS
büS networks with maximum
network expansion
37
13.2
Star topology with a junction box
If a passive junction box is used, all the cables are stub lines. With a baud rate of 500 kbit/s, a total stub line
length of 25 metres is permitted. The maximum length of each stub line is limited to 5 metres. If all the stub
lines have the same length, the position of the termination resistor is irrelevant.
Junction box
Device 1
Device 3
Device 4
Device 5
Device 2
5 m
5 m
5 m
5 m
0.5 m
5 m
TR
PS
TR
Termination resistor
Diagnostics
TR
PS
Power supply
Measurement
point
MP
MP
Fig. 42: Star topology with a junction box
13.3
Tree topology with a junction box
With a tree topology, a total cable length of 94 metres was measured with 23 devices in the network. The
stub line length varies between 1 and 10 metres.
Device 1
Device 3
Device 4
Device 5
Device 6
Device 2
10 m
5 m
10 m
5 m
0.5 m
10 m
5 m
TR
PS
Termination resistor
Diagnostics
TR
PS
Power supply
Measurement point
MP
MP
Device 7
Device 9
Device 8
1 m
TR
Device 10
Device 11
Device 12
Device 13
Device 14
1 m
1 m
1 m
1 m
1 m
1 m
1 m
Device 18
Device 19
Device 20
Device 21
Device 22
3 m
3 m
3 m
3 m
3 m
3 m
3 m
3 m
Device 15
Device 16
Device 17
MP
10 m
7 m
Fig. 43: Tree topology with a junction box



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com