Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BUS Datasheet(PDF) 41 Page - Christian Bürkert GmbH & Co. KG

Part # BUS
Description  Bürkert System Bus
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURKERT [Christian Bürkert GmbH & Co. KG]
Direct Link  https://www.burkert.com/en
Logo BURKERT - Christian Bürkert GmbH & Co. KG

BUS Datasheet(HTML) 41 Page - Christian Bürkert GmbH & Co. KG

Back Button BUS Datasheet HTML 34Page - Christian Bürkert GmbH & Co. KG BUS Datasheet HTML 35Page - Christian Bürkert GmbH & Co. KG BUS Datasheet HTML 36Page - Christian Bürkert GmbH & Co. KG BUS Datasheet HTML 37Page - Christian Bürkert GmbH & Co. KG BUS Datasheet HTML 38Page - Christian Bürkert GmbH & Co. KG BUS Datasheet HTML 39Page - Christian Bürkert GmbH & Co. KG BUS Datasheet HTML 40Page - Christian Bürkert GmbH & Co. KG BUS Datasheet HTML 41Page - Christian Bürkert GmbH & Co. KG BUS Datasheet HTML 42Page - Christian Bürkert GmbH & Co. KG  
Zoom Inzoom in Zoom Outzoom out
 41 / 42 page
background image
Type büS
Appendix
41
15
APPENDIX
15.1
Accessories - büS stick interface sets
Accessories - büS stick interface sets
Bürkert order no.
USB-büS interface set 1
00772426
USB-büS interface set 2
00772551
Tab. 8: büS stick
15.2
Accessories - connectors
Accessories - connectors
Bürkert order no.
büS connector, female, M12
00772416
büS connector, male, M12
00772417
büS connector, female angled, M12
00772418
büS connector, male angled, M12
00772419
büS Y-connector, M12
00772420
büS Y-connector, M12 with interrupt
00772421
büS gender changer
00772867
büS termination, male, M12
00772424
büS termination, female, M12
00772425
Terminal block 4 pin with termination
00566066
Termination chip resistor ME43
00303833
Tab. 9: Connectors
15.3
Accessories - cables (open leads)
Accessories - cables (open leads)
Bürkert order no.
büS connecting cable 0.7 m
00772626
büS connecting cable 1 m
00772409
büS connecting cable 3 m
00772410
büS connecting cable 5 m
00772411
büS connecting cable 10 m
00772412
büS connecting cable 50 m (cable drum)
00772413
büS connecting cable 100 m (cable drum)
00772414
büS service cable, micro-USB-to-M12
00773254
Tab. 10: Cables (open leads)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com