Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BUS Datasheet(PDF) 38 Page - Christian Bürkert GmbH & Co. KG

Part # BUS
Description  Bürkert System Bus
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURKERT [Christian Bürkert GmbH & Co. KG]
Direct Link  https://www.burkert.com/en
Logo BURKERT - Christian Bürkert GmbH & Co. KG

BUS Datasheet(HTML) 38 Page - Christian Bürkert GmbH & Co. KG

Back Button BUS Datasheet HTML 34Page - Christian Bürkert GmbH & Co. KG BUS Datasheet HTML 35Page - Christian Bürkert GmbH & Co. KG BUS Datasheet HTML 36Page - Christian Bürkert GmbH & Co. KG BUS Datasheet HTML 37Page - Christian Bürkert GmbH & Co. KG BUS Datasheet HTML 38Page - Christian Bürkert GmbH & Co. KG BUS Datasheet HTML 39Page - Christian Bürkert GmbH & Co. KG BUS Datasheet HTML 40Page - Christian Bürkert GmbH & Co. KG BUS Datasheet HTML 41Page - Christian Bürkert GmbH & Co. KG BUS Datasheet HTML 42Page - Christian Bürkert GmbH & Co. KG  
Zoom Inzoom in Zoom Outzoom out
 38 / 42 page
background image
Type büS
Troubleshooting
38
14
TROUBLESHOOTING
14.1
Sporadic disconnections
Description:
In a faulty network, it is possible to experience sporadic disconnections. Therefore, one or more devices
may disappear for a few seconds. This is an indication that something has gone wrong.
Common problems:
▪ More or less than two termination resistors
▪ Total cable length is too long
▪ Total stub line length is too long
▪ Bus load is too high
▪ Undersized power supply
Solution:
▪ Measurement of the impedance between CAN-High and CAN-Low. The impedance should be approx.
60 Ω
▪ Reduce the cable length
▪ Reduce the baud rate to the next lower communication speed
▪ Create power segments in the network with more power supplies and Y-connectors
14.2
Red LED (failure)
Description:
The LED of a single device or the entire EDIP network lights up red.
Common problems:
▪ Incorrect connection to the PLC
▪ Device reached critical limit, e.g. power supply too low
▪ EDIP partner is missing
Solution:
▪ Check the cabling to the PLC and configure the PLC with the description files of the device
▪ Check the messages of the device with the PLC or Bürkert Communicator
▪ Check the partner name and mapping
14.3
Orange LED on the device (functional check)
Description:
The LED of a single device or the entire EDIP network lights up orange.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com