Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TCS3430 Datasheet(PDF) 7 Page - OSRAM GmbH

Part # TCS3430
Description  Color and ALS Sensor
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

TCS3430 Datasheet(HTML) 7 Page - OSRAM GmbH

Back Button TCS3430 Datasheet HTML 3Page - OSRAM GmbH TCS3430 Datasheet HTML 4Page - OSRAM GmbH TCS3430 Datasheet HTML 5Page - OSRAM GmbH TCS3430 Datasheet HTML 6Page - OSRAM GmbH TCS3430 Datasheet HTML 7Page - OSRAM GmbH TCS3430 Datasheet HTML 8Page - OSRAM GmbH TCS3430 Datasheet HTML 9Page - OSRAM GmbH TCS3430 Datasheet HTML 10Page - OSRAM GmbH TCS3430 Datasheet HTML 11Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 38 page
background image
Page 6
Datasheet, Public
Document Feedback
[v3-00] 2023-Jan-18
TCS3430 − Electrical Characteristics
Figure 8:
Optical Characteristics
Note(s):
1. Tested using collimated light sources.
Figure 9:
Filter Characteristics
Note(s):
1. Filter parameters are measured on a production ongoing sample basis using diffused light.
Parameter
Channel
Light Source
Min
Typ
Max
Units
Irradiance
Responsivity
16x gain,
400ms (1)
X
Warm White LED
(2700K, 25μW/cm2)
58
74
90
counts/
(μW/cm2)
Y56
62
70
Z
8.7
12.2
15.8
IR1
Far Red LED
(λ = 730nm, 11.6μW/cm2)
90
135
180
IR2
IR LED
(λ = 950nm, 41.8μW/cm2)
90
160
230
Symbol
Parameter
Min
Typ
Max
Units
λ_X1
Peak 1 wavelength of channel X
427
437
447
nm
λ_X2
Peak 2 wavelength of channel X
564
574
584
nm
λ_Y
Peak wavelength of channel Y
527
537
547
nm
λ_Z
Peak wavelength of channel Z
424
434
444
nm
FWHM_X1
Full width at half maximum of channel X peak 1
45
55
65
nm
FWHM_X2
Full width at half maximum of channel X peak 2
83
93
103
nm
FWHM_Y
Full width at half maximum of channel Y
92
102
112
nm
FWHM_Z
Full width at half maximum of channel Z
53
63
73
nm
T50L_IR1
Lower edge of IR1 at 50% of transition
672
687
702
nm
T50H_IR1
Higher edge of IR1 at 50% of transition
815
830
845
nm
T50_IR2
At 50% of transition of IR2
812
827
842
nm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com