Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TCS3430 Datasheet(PDF) 5 Page - OSRAM GmbH

Part # TCS3430
Description  Color and ALS Sensor
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

TCS3430 Datasheet(HTML) 5 Page - OSRAM GmbH

  TCS3430 Datasheet HTML 1Page - OSRAM GmbH TCS3430 Datasheet HTML 2Page - OSRAM GmbH TCS3430 Datasheet HTML 3Page - OSRAM GmbH TCS3430 Datasheet HTML 4Page - OSRAM GmbH TCS3430 Datasheet HTML 5Page - OSRAM GmbH TCS3430 Datasheet HTML 6Page - OSRAM GmbH TCS3430 Datasheet HTML 7Page - OSRAM GmbH TCS3430 Datasheet HTML 8Page - OSRAM GmbH TCS3430 Datasheet HTML 9Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 38 page
background image
Page 4
Datasheet, Public
Document Feedback
[v3-00] 2023-Jan-18
TCS3430 − Absolute Maximum R atings
Stresses beyond those listed under Absolute Maximum Ratings
may cause permanent damage to the device. These are stress
ratings only. Functional operation of the device at these or any
other conditions beyond those indicated under Recommended
Operating Conditions is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect
device reliability.
Figure 5:
Absolute Maximum Ratings
Symbol
Parameter
Min
Max
Units
VDD
Supply voltage
-0.3
2.2
V
VIO
Digital I/O terminal voltage
-0.3
3.6
V
IIO
Output terminal current
-1
20
mA
TSTRG
Storage temperature range
-40
85
°C
TJ
Junction temperature range
-40
90
°C
ESDHBM
Electrostatic discharge HBM
(JS-001-2014)
±2000
V
ESDCDM
Electrostatic discharge CDM
JEDEC JESD22-C101F Oct 2013
±500
V
ISCR
Input current (latch up immunity)
JEDEC JESD78D Nov 2011
CLASS 2
Absolute Maximum Ratings



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com