Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TCS3430 Datasheet(PDF) 24 Page - OSRAM GmbH

Part # TCS3430
Description  Color and ALS Sensor
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

TCS3430 Datasheet(HTML) 24 Page - OSRAM GmbH

Back Button TCS3430 Datasheet HTML 20Page - OSRAM GmbH TCS3430 Datasheet HTML 21Page - OSRAM GmbH TCS3430 Datasheet HTML 22Page - OSRAM GmbH TCS3430 Datasheet HTML 23Page - OSRAM GmbH TCS3430 Datasheet HTML 24Page - OSRAM GmbH TCS3430 Datasheet HTML 25Page - OSRAM GmbH TCS3430 Datasheet HTML 26Page - OSRAM GmbH TCS3430 Datasheet HTML 27Page - OSRAM GmbH TCS3430 Datasheet HTML 28Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 38 page
background image
Datasheet, Public
Page 23
[v3-00] 2023-Jan-18
Document Feedback
TCS3430 − Register Description
AZ_CONFIG Register (0xD6)
Figure 37:
AZ_CONFIG Register
Note(s):
1. On average mode 1 is faster, but in the worst case, mode 0 is faster.
INTENAB Register (0xDD)
Figure 38:
INTENAB Register
0xD6: AZ_CONFIG
Field
Name
Reset
Type
Description
7AZ_MODE
0
RW
0: Always start at zero when searching the best offset
value
1: Always start at the previous (offset_c) with the
auto-zero mechanism (1)
6:0
AZ_NTH_
ITERATION
0x7F
RW
Run autozero automatically every nth ALS iteration
(0=never, 7Fh=only at first ALS cycle, n=every nth time)
0xDD: INTENAB
Field
Name
Reset
Type
Description
7
ASIEN
0
RW
Writing '1' to this bit enables ASAT interrupt.
6:5
RESERVED
0
RW
Reserved
4
AIEN
0
RW
Writing '1' to this bit enables ALS interrupt.
3:0
RESERVED
0
RW
Reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com