Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

8036 Datasheet(PDF) 7 Page - Christian Bürkert GmbH & Co. KG

Part # 8036
Description  2/2-way diaphragm valve with manually operated actuator
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURKERT [Christian Bürkert GmbH & Co. KG]
Direct Link  https://www.burkert.com/en
Logo BURKERT - Christian Bürkert GmbH & Co. KG

8036 Datasheet(HTML) 7 Page - Christian Bürkert GmbH & Co. KG

Back Button 8036 Datasheet HTML 3Page - Christian Bürkert GmbH & Co. KG 8036 Datasheet HTML 4Page - Christian Bürkert GmbH & Co. KG 8036 Datasheet HTML 5Page - Christian Bürkert GmbH & Co. KG 8036 Datasheet HTML 6Page - Christian Bürkert GmbH & Co. KG 8036 Datasheet HTML 7Page - Christian Bürkert GmbH & Co. KG 8036 Datasheet HTML 8Page - Christian Bürkert GmbH & Co. KG 8036 Datasheet HTML 9Page - Christian Bürkert GmbH & Co. KG 8036 Datasheet HTML 10Page - Christian Bürkert GmbH & Co. KG 8036 Datasheet HTML 11Page - Christian Bürkert GmbH & Co. KG Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 28 page
background image
Type 3232, 3233
Manually operated diaphragm valve
7 | 23
Visit product website 
4.
Dimensions
4.1. Actuator
Handwheel
Note:
Dimensions in mm, unless otherwise stated
K
Diaphragm size Ø K
J
8
35
48
15
85
74
20
86
82
25
86
78
32
114
101
40
114
100
50
114
117
65
272
188
80
272
196
100
272
207
4.2. Forged body (VS) with welded connection
Note:
• Dimensions in mm, unless otherwise stated
• For detailed information on the draining angle, please refer to the “Additional manual Type 2xxx 3xxx” on our website (see
operating instructions ).
L
Diaphragm size Port connection DN
Ø D1
s
L
h
H
Product key1.)
DIN EN ISO 1127/ISO 4200/DIN 11866 series B
8
8
13.5
1.6
90
9.3
18.8
SA40
15
8
13.5
1.6
108
8.15
19.85
SA40
8
10
17.2
1.6
90
9.3
18.8
SA41
15
10
17.2
1.6
110
12.05
23.75
SA41
15
15
21.3
1.6
110
12.05
23.75
SA42
20
15
21.3
1.6
119
16
30.3
SA42
20
20
26.9
1.6
119
16
30.3
SA43
25
20
26.9
1.6
119
19
37
SA43
25
25
33.7
2.0
129
19
37
SA44



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com