Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

8036 Datasheet(PDF) 1 Page - Christian Bürkert GmbH & Co. KG

Part # 8036
Description  2/2-way diaphragm valve with manually operated actuator
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURKERT [Christian Bürkert GmbH & Co. KG]
Direct Link  https://www.burkert.com/en
Logo BURKERT - Christian Bürkert GmbH & Co. KG

8036 Datasheet(HTML) 1 Page - Christian Bürkert GmbH & Co. KG

  8036 Datasheet HTML 1Page - Christian Bürkert GmbH & Co. KG 8036 Datasheet HTML 2Page - Christian Bürkert GmbH & Co. KG 8036 Datasheet HTML 3Page - Christian Bürkert GmbH & Co. KG 8036 Datasheet HTML 4Page - Christian Bürkert GmbH & Co. KG 8036 Datasheet HTML 5Page - Christian Bürkert GmbH & Co. KG 8036 Datasheet HTML 6Page - Christian Bürkert GmbH & Co. KG 8036 Datasheet HTML 7Page - Christian Bürkert GmbH & Co. KG 8036 Datasheet HTML 8Page - Christian Bürkert GmbH & Co. KG 8036 Datasheet HTML 9Page - Christian Bürkert GmbH & Co. KG Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 28 page
background image
Visit product website 
Type 3232, 3233
DATA SHEET
Manually operated diaphragm valve
Type 2034
Multifunction block and
weld solution
Type 2031
2/2-way diaphragm
valve with pneumatic
plastic actuator (Type
CLASSIC)
Type 2063
2/2 way diaphragm
valve with pneumatic
actuator in stainless
steel (Type INOX)
Type 2036
Robolux multiway
multiport diaphragm
valve, pneumatically
operated
Type 8036
Inline flowmeter
with paddle wheel,
ELEMENT design
1000450617 | Standard | EU | en | 202111 | 05
2/2-way diaphragm valve with manually
operated actuator
• Valve body and diaphragm are available in various materials and
variants
• Product wetted surfaces in Ra ≤ 0.38 µm...1.6 µm (optionally
electropolished)
• Available in all common connection sizes and variants
The manually operated diaphragm valve Type 3233 consists of a manually op-
erated actuator, a diaphragm and a 2-way valve body. The manual actuator,
optionally with a plastic or stainless steel handwheel, ensures use in hygienic
or aggressive ambient conditions. The flow-efficient valve bodies with little
dead space enable high flow rates and a wide range of possible uses.
The valve body and the diaphragm are available in all common materials and
variants. The actuator has a compact, autoclavable design and is compatible
with all other Bürkert diaphragm valves. An explosion-proof ATEX / IECEx
device variant is available. The add-on body and the handwheel are optionally
available in plastic or stainless steel and are equipped with an integrated opti-
cal position indicator. The manual actuator can be optionally equipped with a
stroke limiter, sensors for position feedback and a locking function.
Product variants described in the data sheet may differ from the product presentation and description.
Type description
Can be combined with
© Christian Bürkert GmbH & Co. KG, Subject to alteration


Similar Part No. - 8036

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
8036 ETC2-8036 Datasheet
90Kb / 1P
TYPE N MALE TO TYPE N FEMALE ADAPTER
logo
Heyco.
8036 HEYCO-8036 Datasheet
173Kb / 1P
Specialty Pins
logo
Christian Bürkert GmbH ...
8036 BURKERT-8036 Datasheet
933Kb / 12P
Inline flowmeter with paddle wheel, ELEMENT design
12.02.2024
8036 BURKERT-8036 Datasheet
1Mb / 18P
T-diaphragm valve with manually operated actuator
15.03.2022
8036 BURKERT-8036 Datasheet
1Mb / 15P
Tank bottom diaphragm valve with hand actu-ator
25.01.2021
More results

Similar Description - 8036

ManufacturerPart #DatasheetDescription
logo
Amphenol Corporation
AT04-2P AMPHENOL-AT04-2P Datasheet
524Kb / 1P
Recpt, 2 Way
logo
Innovative Power Produc...
IPP-1025 IPP-IPP-1025 Datasheet
64Kb / 1P
OUTLINE 2 WAY
IPP-1092 IPP-IPP-1092 Datasheet
76Kb / 1P
OUTLINE 2 WAY
IPP-1141 IPP-IPP-1141 Datasheet
63Kb / 1P
OUTLINE 2 WAY
IPP-1188 IPP-IPP-1188 Datasheet
63Kb / 1P
OUTLINE 2-WAY
IPP-1217 IPP-IPP-1217 Datasheet
61Kb / 1P
OUTLINE 2-WAY
IPP-1228 IPP-IPP-1228 Datasheet
63Kb / 1P
OUTLINE 2-WAY
IPP-1241 IPP-IPP-1241 Datasheet
64Kb / 1P
OUTLINE 2-WAY
IPP-5006 IPP-IPP-5006 Datasheet
52Kb / 1P
OUTLINE 2-WAY
logo
Pulse A Technitrol Comp...
CX4002LNL PULSE-CX4002LNL Datasheet
300Kb / 2P
SPLITTER, 2-WAY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com