Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

8036 Datasheet(PDF) 11 Page - Christian Bürkert GmbH & Co. KG

Part # 8036
Description  2/2-way diaphragm valve with manually operated actuator
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURKERT [Christian Bürkert GmbH & Co. KG]
Direct Link  https://www.burkert.com/en
Logo BURKERT - Christian Bürkert GmbH & Co. KG

8036 Datasheet(HTML) 11 Page - Christian Bürkert GmbH & Co. KG

Back Button 8036 Datasheet HTML 7Page - Christian Bürkert GmbH & Co. KG 8036 Datasheet HTML 8Page - Christian Bürkert GmbH & Co. KG 8036 Datasheet HTML 9Page - Christian Bürkert GmbH & Co. KG 8036 Datasheet HTML 10Page - Christian Bürkert GmbH & Co. KG 8036 Datasheet HTML 11Page - Christian Bürkert GmbH & Co. KG 8036 Datasheet HTML 12Page - Christian Bürkert GmbH & Co. KG 8036 Datasheet HTML 13Page - Christian Bürkert GmbH & Co. KG 8036 Datasheet HTML 14Page - Christian Bürkert GmbH & Co. KG 8036 Datasheet HTML 15Page - Christian Bürkert GmbH & Co. KG Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 28 page
background image
Type 3232, 3233
Manually operated diaphragm valve
11 | 23
Visit product website 
4.5. Tube valve body (VP) with clamp connection
Note:
• Dimensions in mm, unless otherwise stated
• For detailed information on the draining angle, please refer to the “Additional manual Type 2xxx 3xxx” on our website (see
operating instructions ).
L
Diaphragm
size
Port connec-
tion DN
Ø D1
s
Ø D2
L
h
H
Product key1.)
DIN 32676 series B (ISO pipe)
8
8
13.5
1.6
25.0
89
9.85
22.35
TC40
8
10
17.2
1.6
25.0
89
11.70
24.20
TC53
15
15
21.3
1.6
50.5
110
14.35
39.60
TC52
20
20
26.9
1.6
50.5
119
17.15
42.40
TC43
25
25
33.7
2.0
50.5
129
20.55
45.80
TC44
32
32
42.4
2.0
64.0
148
25.10
57.10
TC55
40
40
48.3
2.0
64.0
161
29.35
61.35
TC46
50
50
60.3
2.0
77.5
192
35.35
74.10
TC47
DIN 32676 series A (DIN pipe)
8
10
13.0
1.5
34.0
89
9.85
26.85
TD41
15
15
19.0
1.5
34.0
110
13.2
30.20
TD42
15
20
23.0
1.5
34.0
119
15.20
32.20
TD43
20
25
29.0
1.5
50.5
129
18.20
43.45
TD44
25
32
35.0
1.5
50.5
148
21.20
46.45
TD45
32
40
41.0
1.5
50.5
161
24.40
49.65
TD46
40
50
53.0
1.5
64.0
192
31.70
63.70
TD47
ASME BPE
8
½"
12.7
1.65
25.0
89
9.45
21.95
TG02
15
¾"
19.05
1.65
25.0
102
13.20
25.73
TG03
20
1"
25.4
1.65
50.5
114
16.40
41.65
TG04
32
1½"
38.10
1.65
50.5
140
22.95
48.20
TG05
40
2"
50.80
1.65
64.0
159
30.60
62.60
TG06
50
2½"
63.5
1.65
77.5
190
37.35
69.1
TG07
1.) This information is part of the product key (see product enquiry form at the end of this data sheet)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com