Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMD2772 Datasheet(PDF) 27 Page - OSRAM GmbH

Part # TMD2772
Description  Digital ALS and Proximity Module
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

TMD2772 Datasheet(HTML) 27 Page - OSRAM GmbH

Back Button TMD2772 Datasheet HTML 23Page - OSRAM GmbH TMD2772 Datasheet HTML 24Page - OSRAM GmbH TMD2772 Datasheet HTML 25Page - OSRAM GmbH TMD2772 Datasheet HTML 26Page - OSRAM GmbH TMD2772 Datasheet HTML 27Page - OSRAM GmbH TMD2772 Datasheet HTML 28Page - OSRAM GmbH TMD2772 Datasheet HTML 29Page - OSRAM GmbH TMD2772 Datasheet HTML 30Page - OSRAM GmbH TMD2772 Datasheet HTML 31Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 60 page
background image
Page 26
ams Datasheet
Document Feedback
[v1-21] 2016-Feb-16
TMD2772/ TMD2772WA − Principles of Operation
Average IDD Current =
((0.029 × 103) + (0.035 x 0.195) + (2.73 × 0.195) + (49.2 × 0.090)
+ (49.2 × 0.195) + (2.73 × 0.195 × 3)) / 109 ≈ 176 μA.
Keeping with the same programmed values as the example,
Figure 29 shows how the average IDD current is affected by the
Wait state time, which is determined by WEN, WTIME, and
WLONG. Note that the worst-case current occurs when the Wait
state is not enabled.
Figure 29:
Average IDD Current
WEN
WTIME
WLONG
WAIT State
Average IDD Current
0n/a
n/a
0 ms
245 μA
1
0xFF
0
2.73 ms
238 μA
10xEE
0
49.2 ms
175 μA
1
0x00
0
699 ms
102 μA
1
0x00
1
8389 ms
91 μA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com