Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMD2772 Datasheet(PDF) 32 Page - OSRAM GmbH

Part # TMD2772
Description  Digital ALS and Proximity Module
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

TMD2772 Datasheet(HTML) 32 Page - OSRAM GmbH

Back Button TMD2772 Datasheet HTML 28Page - OSRAM GmbH TMD2772 Datasheet HTML 29Page - OSRAM GmbH TMD2772 Datasheet HTML 30Page - OSRAM GmbH TMD2772 Datasheet HTML 31Page - OSRAM GmbH TMD2772 Datasheet HTML 32Page - OSRAM GmbH TMD2772 Datasheet HTML 33Page - OSRAM GmbH TMD2772 Datasheet HTML 34Page - OSRAM GmbH TMD2772 Datasheet HTML 35Page - OSRAM GmbH TMD2772 Datasheet HTML 36Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 60 page
background image
ams Datasheet
Page 31
[v1-21] 2016-Feb-16
Document Feedback
TMD2772/ TMD2772WA − Register Description
Enable Register (0x00)
The Enable Register is used to power the device on/off, enable
functions, and interrupts.
Figure 33:
Enable Register
76
5
4
3
2
1
0
Reserved
SAI
PIEN
AIEN
WEN
PEN
AEN
PON
Field
Bits
Description (Reset value = 0x00)
Reserved
7
Reserved. Write as 0.
SAI
6
Sleep after interrupt. When asserted, the device will power down at the end
of a proximity or ALS cycle if an interrupt has been generated.
PIEN
5
Proximity interrupt mask. When asserted, permits proximity interrupts to be
generated.
AIEN
4
ALS interrupt mask. When asserted, permits ALS interrupt to be generated.
WEN
3
Wait Enable. This bit activates the wait feature. Writing a 1 activates the wait
timer. Writing a 0 disables the wait timer.
PEN
2
Proximity Enable. This bit activates the proximity function. Writing a 1
enables proximity. Writing a 0 disables proximity.
AEN
1
ALS Enable. This bit activates the two channel ADC. Writing a 1 activates the
ALS. Writing a 0 disables the ALS.
PON
0
Power ON. This bit activates the internal oscillator to permit the timers and
ADC channels to operate. Writing a 1 activates the oscillator. Writing a 0
disables the oscillator.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com