Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMD37253 Datasheet(PDF) 22 Page - OSRAM GmbH

Part # TMD37253
Description  ALS, Color and Proximity Sensor Module
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

TMD37253 Datasheet(HTML) 22 Page - OSRAM GmbH

Back Button TMD37253 Datasheet HTML 18Page - OSRAM GmbH TMD37253 Datasheet HTML 19Page - OSRAM GmbH TMD37253 Datasheet HTML 20Page - OSRAM GmbH TMD37253 Datasheet HTML 21Page - OSRAM GmbH TMD37253 Datasheet HTML 22Page - OSRAM GmbH TMD37253 Datasheet HTML 23Page - OSRAM GmbH TMD37253 Datasheet HTML 24Page - OSRAM GmbH TMD37253 Datasheet HTML 25Page - OSRAM GmbH TMD37253 Datasheet HTML 26Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 56 page
background image
Datasheet, Public
Page 21
[v2-00] 2023-Mar-21
Document Feedback
TMD3725 − Register Description
WTIME Register (Address 0x83)
Figure 23:
WTIME Register
The wait timer is implemented using a down counter.
Wait time = (value +1) x 2.8ms. If WLONG is enabled then
Wait time = (value +1) x 2.8ms x 12.
AILTL Register (Address 0x84)
Figure 24:
AILTL Register
The Clear (C) channel is compared against low-going 16-bit
threshold value set by AILTL and AILTH.
Addr: 0x83
WTIME
Bit
Bit Name
Default
Access
Bit Description
7:0
WTIME
0x00
RW
Value that specifies the wait time between ALS cycles in
2.78ms increments.
Value
Increments
Wait Time
0x00
1
2.8ms (33.8ms)
0x01
2
5.6ms (67.6ms)
………
0x3F
64
180ms (2.16s)
………
0xFF
256
719ms (8.65s)
Addr: 0x84
AILTL
Bit
Bit Name
Default
Access
Bit Description
7:0
AILTL
0x00
RW
This register sets the low byte of the LOW ALS threshold.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com