Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMD37253 Datasheet(PDF) 25 Page - OSRAM GmbH

Part # TMD37253
Description  ALS, Color and Proximity Sensor Module
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

TMD37253 Datasheet(HTML) 25 Page - OSRAM GmbH

Back Button TMD37253 Datasheet HTML 21Page - OSRAM GmbH TMD37253 Datasheet HTML 22Page - OSRAM GmbH TMD37253 Datasheet HTML 23Page - OSRAM GmbH TMD37253 Datasheet HTML 24Page - OSRAM GmbH TMD37253 Datasheet HTML 25Page - OSRAM GmbH TMD37253 Datasheet HTML 26Page - OSRAM GmbH TMD37253 Datasheet HTML 27Page - OSRAM GmbH TMD37253 Datasheet HTML 28Page - OSRAM GmbH TMD37253 Datasheet HTML 29Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 56 page
background image
Page 24
Datasheet, Public
Document Feedback
[v2-00] 2023-Mar-21
TMD3725 − Register Description
PIHT Register (Address 0x8A)
Figure 29:
PIHT Register
The proximity channel is compared against high-going 8-bit
threshold value set by PIHT.
If the value generated by the proximity channel is above the
PIHT threshold and the PPERS value is reached, the PINT bit is
asserted. If PIEN is set, then the INT pin will also assert.
PERS Register (Address 0x8C)
Figure 30:
PERS Register
Addr: 0x8A
PIHT
Bit
Bit Name
Default
Access
Bit Description
7:0
PIHT
0x00
RW
This register sets the proximity ADC channel high
threshold.
Addr: 0x8C
PERS
Bit
Bit Name
Default
Access
Bit Description
7:4
PPERS
0000
RW
This register sets the proximity persistence filter.
Value
Interrupt
0
Every proximity cycle
1
Any value outside PILT/PIHT thresholds
2
2 consecutive proximity values out of range
3
3 consecutive proximity values out of range
…….
15
15 consecutive proximity values out of range



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com