Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMF8701 Datasheet(PDF) 25 Page - OSRAM GmbH

Part # TMF8701
Description  Time-of-Flight Sensor
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

TMF8701 Datasheet(HTML) 25 Page - OSRAM GmbH

Back Button TMF8701 Datasheet HTML 21Page - OSRAM GmbH TMF8701 Datasheet HTML 22Page - OSRAM GmbH TMF8701 Datasheet HTML 23Page - OSRAM GmbH TMF8701 Datasheet HTML 24Page - OSRAM GmbH TMF8701 Datasheet HTML 25Page - OSRAM GmbH TMF8701 Datasheet HTML 26Page - OSRAM GmbH TMF8701 Datasheet HTML 27Page - OSRAM GmbH TMF8701 Datasheet HTML 28Page - OSRAM GmbH TMF8701 Datasheet HTML 29Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 66 page
background image
Page 24
Datasheet, Public
Document Feedback
[v2-00] 2023-Feb-21
TMF8701 − Register Description
0x03
Set flag to perform distance or proximity measurement
with 7 bytes of data containing where
cmd_data6 = Bit mask which algorithm is used
Bit 0 - When 1 proximity is enabled
Bit 1 - When 1 distance enabled
Bits 3:2 - Reserved; set to 00b.
Bits 4 - algImmediateInterrupt – When 1 proximity and
distance will immediately report to the host an interrupt
of the capturing caused by a GPIO event; when 0, will only
report to the host when proximity (and distance if
enabled) was finished
Bit 5 - When 1 combine the capture of the proximity and
distance algorithms for maximum speed
Bit 6 - Reserved; set to 0.
Bit 7 - When 1 do not go to standby between
measurements (faster measurement times but higher
current consumption)
Please note if bits 0 and 1 are both zero, the system will
default to proximity and distance algorithms enabled.
cmd_data5 = Bits for GPIO control
Bits 3:0 - GPIO0 settings
0 – Disabled (tristate)
1 - Input: Active low disables collection,
immediately abandoning current measurement.
Returning to high restarts new
measurement
2 - Input: Active high disables
collection, immediately abandoning current
measurement. Returning to low restarts new
measurement
3 - Output: VCSEL pulse output - see
cmd_data4
4 - Output low (default after startup)
5 - Output high
6:15 – Reserved, do not use
Bits 7:4 - GPIO1 settings
0 - Disabled (tristate)
1 - Input: Active low disables collection,
immediately abandoning current measurement.
Returning to high restarts new measurement
2 - Input: Active high disables
collection, immediately abandoning
current measurement. Returning to low restarts
new measurement
3 - Output: VCSEL pulse output – see
cmd_data4
4 - Output low (default after startup)
5 - Output high
6:15 – Reserved, do not use
0x10: COMMAND
Field
Name
Reset
Type
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com