Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMF8701 Datasheet(PDF) 51 Page - OSRAM GmbH

Part # TMF8701
Description  Time-of-Flight Sensor
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

TMF8701 Datasheet(HTML) 51 Page - OSRAM GmbH

Back Button TMF8701 Datasheet HTML 47Page - OSRAM GmbH TMF8701 Datasheet HTML 48Page - OSRAM GmbH TMF8701 Datasheet HTML 49Page - OSRAM GmbH TMF8701 Datasheet HTML 50Page - OSRAM GmbH TMF8701 Datasheet HTML 51Page - OSRAM GmbH TMF8701 Datasheet HTML 52Page - OSRAM GmbH TMF8701 Datasheet HTML 53Page - OSRAM GmbH TMF8701 Datasheet HTML 54Page - OSRAM GmbH TMF8701 Datasheet HTML 55Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 66 page
background image
Page 50
Datasheet, Public
Document Feedback
[v2-00] 2023-Feb-21
TMF8701 − Application Information
Schematic
The TMF8701 needs only 3 small 0402 external capacitors for
operation:
Figure 116:
TMF8701 Application Schematic
The SYNC signal connected to GPIO1 can be used to
immediately interrupt the TMF8701 VCSEL operation if the high
power illuminator is operating. It needs to be ensured that SYNC
does not exceed the VDD supply of TMF8701 as otherwise an
internal protection diode will start conducting. The VCSEL
operation is controlled by setting cmd_data5 of
command=0x02 or 0x03 according (see App0 Registers –
appid=0xC0 registers). On SYNC assertion, the VCSEL is
immediately switched off (typically after 10μs), on SYNC
de-assertion the VCSEL operation is resumed within >100μs.
GPIO0 can be used as a general GPIO output signal.
The signals INT/SDA/SCL need an external pullup resistor to the
VIO supply (typically 1.8V).
TMF8701
VCSEL
Optical
Filter
Reflective
Surface
Background
Light
Internal
Reflection
Optics
SPAD,
TDC and
Histogram
Driver
Control
Data
Process
EN
GPIO1
GPIO0
INT
SDA
SCL
VDDC
GNDC
VDDV
GNDV
VDD
GND
Host
VDD
0.1µF/6V3
VDD
2x
0.1µF/6V3
High
Power
Illuminator
VIO
SYNC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com