Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMF8701 Datasheet(PDF) 28 Page - OSRAM GmbH

Part # TMF8701
Description  Time-of-Flight Sensor
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

TMF8701 Datasheet(HTML) 28 Page - OSRAM GmbH

Back Button TMF8701 Datasheet HTML 24Page - OSRAM GmbH TMF8701 Datasheet HTML 25Page - OSRAM GmbH TMF8701 Datasheet HTML 26Page - OSRAM GmbH TMF8701 Datasheet HTML 27Page - OSRAM GmbH TMF8701 Datasheet HTML 28Page - OSRAM GmbH TMF8701 Datasheet HTML 29Page - OSRAM GmbH TMF8701 Datasheet HTML 30Page - OSRAM GmbH TMF8701 Datasheet HTML 31Page - OSRAM GmbH TMF8701 Datasheet HTML 32Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 66 page
background image
Datasheet, Public
Page 27
[v2-00] 2023-Feb-21
Document Feedback
TMF8701 − Register Description
Note(s):
1. At the end of the transaction of read a quarter, the contents of the registers from 0x20-0x9F will be automatically updated, and the
contents of registers REGISTER_CONTENTS and TID will be updated.
2. At the end of a TDC, the TDC number will also auto increment.
0x30
Enable histogram readout; the internal state machine will
stop when a histogram (e.g. calibration) is available and
wait for readout by the host. If the selected histogram is
readout, the host shall continue the state machine by
sending command 0x32
cmd_data3 = Bitmask for the histograms to be readout:
• Always set bit 0 to ‘0’
• Set bit 1 to get electrical calibration histograms
• Set bit 2 to get optical calibration histogram
• Always set bit 3 to ‘0’
• Set bit 4 to get proximity histograms
• Always set bit 5 and 6 to ‘0’
• Set bit 7 to get distance measurement histograms
cmd_data2 = Set to 0x00
cmd_data1 = bitmask for pileup correct histograms
readout:
• Set bit 0 to get pileup corrected distance
measurement histograms
• Set bit 1 to get pileup corrected sum histogram
• Set bit 2 to get pileup corrected proximity histogram
• Always set bit 3-7 to 0
cmd_data0 = Set to 0x00
Once above bitmask is set, the device is programed to
stop when the histogram is available. Set command=0x04
to actually perform the measurement.
0x32
After the host has readout the histogram, continue with
internal processing.
0x47
Read out serial number – results see section Serial
Number Readout – If Register register_contents=0x47
0x80 …
0x93
Read 1 quarter of one histogram - copy histogram
bits[4:2] to select
TDC0… TDC5, quarter bits[1:0] into 0x20... 0x9f (1), (2)
0xff
Stop whatever you are doing as soon as possible and
reenter the idle state. The current state will not be
interrupted and will require leaving the current state
processing to take effect. This command will stop
continuous measurement.
0x10: COMMAND
Field
Name
Reset
Type
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com