Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMF8805 Datasheet(PDF) 71 Page - OSRAM GmbH

Part # TMF8805
Description  Time-of-flight sensor
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

TMF8805 Datasheet(HTML) 71 Page - OSRAM GmbH

Back Button TMF8805 Datasheet HTML 66Page - OSRAM GmbH TMF8805 Datasheet HTML 67Page - OSRAM GmbH TMF8805 Datasheet HTML 68Page - OSRAM GmbH TMF8805 Datasheet HTML 69Page - OSRAM GmbH TMF8805 Datasheet HTML 70Page - OSRAM GmbH TMF8805 Datasheet HTML 71Page - OSRAM GmbH TMF8805 Datasheet HTML 72Page - OSRAM GmbH TMF8805 Datasheet HTML 73Page - OSRAM GmbH TMF8805 Datasheet HTML 74Page - OSRAM GmbH  
Zoom Inzoom in Zoom Outzoom out
 71 / 74 page
background image
TMF8805
Soldering & storage information
Datasheet
• PUBLIC • Document Feedback
DS000692
• v7-00 • 2023-Dec-01
71 / 74
/
Parameter
Reference
Device
Time above 230 °C (T2)
t2
Max 50 s
Time above Tpeak
– 10 °C (T3)
t3
Max 10 s
Peak temperature in reflow
Tpeak
260 °C
Temperature gradient in cooling
Max -5 °C/s
10.2
Storage information
Moisture sensitivity
Optical characteristics of the device can be adversely affected during the soldering process by
the release and vaporization of moisture that has been previously absorbed into the package.
To ensure the package contains the smallest amount of absorbed moisture possible, each
device is baked prior to being dry packed for shipping. Devices are dry packed in a sealed
aluminized envelope called a moisture-barrier bag with silica gel to protect them from ambient
moisture during shipping, handling, and storage before use.
Shelf life
The calculated shelf life of the device in an unopened moisture barrier bag is 24 months from
the date code on the bag when stored under the following conditions:
•
Shelf Life: 24 months
•
Ambient Temperature: <40 °C
•
Relative Humidity: <90 %
Rebaking of the devices will be required if the devices exceed the 24 month shelf life or the
Humidity Indicator Card shows that the devices were exposed to conditions beyond the
allowable moisture region.
Floor life
The module has been assigned a moisture sensitivity level of MSL 3. As a result, the floor life
of devices removed from the moisture barrier bag is 168 hours from the time the bag was
opened, provided that the devices are stored under the following conditions:
•
Floor Life: 168 hours
•
Ambient Temperature: <30°C
•
Relative Humidity: <60 %



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com