Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMF8805 Datasheet(PDF) 18 Page - OSRAM GmbH

Part # TMF8805
Description  Time-of-flight sensor
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

TMF8805 Datasheet(HTML) 18 Page - OSRAM GmbH

Back Button TMF8805 Datasheet HTML 14Page - OSRAM GmbH TMF8805 Datasheet HTML 15Page - OSRAM GmbH TMF8805 Datasheet HTML 16Page - OSRAM GmbH TMF8805 Datasheet HTML 17Page - OSRAM GmbH TMF8805 Datasheet HTML 18Page - OSRAM GmbH TMF8805 Datasheet HTML 19Page - OSRAM GmbH TMF8805 Datasheet HTML 20Page - OSRAM GmbH TMF8805 Datasheet HTML 21Page - OSRAM GmbH TMF8805 Datasheet HTML 22Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 74 page
background image
TMF8805
Functional description
Datasheet
• PUBLIC • Document Feedback
DS000692
• v7-00 • 2023-Dec-01
18 / 74
/
5.6
Algorithm performance
As the performance of the algorithm is dependent on the ROM version, following section only
applies for devices with order code TMF8805-1B (and TMF8805-1BM), calibrated and in-
application oscillator calibration using the reference driver code and patched with the latest
software patch from ams OSRAM
– contact ams OSRAM to identify latest patch version.
To achieve the full distance of 250 cm, the on chip oscillator needs to be tuned to 4.7 MHz.
The TMF8805 is embedded in the application using a 0.38 mm airgap and a glass with an IR
ink with >90 % transmissivity. The glass thickness is 0.5 mm. An additional mask on the
opaque ink is implemented according to TMF8805 optical design guide (external document).
5.6.1
Calibration
To achieve the performance described in the next sections, a calibration of the algorithm
needs to be performed (command = 0x0A). The TMF8805 shall be embedded in the final
application and the cover glass including the IR ink needs to be assembled. The calibration
test shall be done in a housing with minimal ambient light and no target within 40 cm in field of
view of the TMF8805.
The TMF8805 generates a calibration data set which is permanently stored on the host.
On each power-up of the TMF8805 the calibration data set is sent by I²C to the TMF8805 prior
to execution of any algorithms (commands=0x02 or 0x0B).
5.6.2
Algorithm timings
The TMF8805 can adjust the number of iterations and detection threshold using registers. A
default mode is defined having 900 k iterations and threshold=0.
Table 10: Algorithm timings
Parameter
Condition
Min
Nom
Max
Units
Default Mode
command=0x02 or 0x03
cmd_data6=0xA3,
cmd_data3=0x00,
cmd_data1=0x84,
cmd_data0=0x03 (900 k iterations)
33
ms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com