Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMG39921 Datasheet(PDF) 67 Page - OSRAM GmbH

Part # TMG39921
Description  Gesture, Color, ALS, and Proximity Sensor Module with mobeam™ Barcode Emulation
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

TMG39921 Datasheet(HTML) 67 Page - OSRAM GmbH

Back Button TMG39921 Datasheet HTML 63Page - OSRAM GmbH TMG39921 Datasheet HTML 64Page - OSRAM GmbH TMG39921 Datasheet HTML 65Page - OSRAM GmbH TMG39921 Datasheet HTML 66Page - OSRAM GmbH TMG39921 Datasheet HTML 67Page - OSRAM GmbH TMG39921 Datasheet HTML 68Page - OSRAM GmbH TMG39921 Datasheet HTML 69Page - OSRAM GmbH TMG39921 Datasheet HTML 70Page - OSRAM GmbH TMG39921 Datasheet HTML 71Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 96 page
background image
Page 66
ams Datasheet
Document Feedback
[v1-06] 2018-Feb-27
TMG3992 − Register Description
Configuration Register A5 (CONFIG_A5),
IRBeam Mode
While IRBeam is enabled, this register defines the length of time
that the LDR pin is disabled (i.e. LED is turned OFF) between
consecutive Packet loops. The following equation governs the
time delay:
The minimum typical inter-Packet LED OFF time is 1.0 μs. The
maximum typical inter-Packet LED OFF time 17.7ms.
Figure 69:
Configuration Register A5
Configuration Register A6 (CONFIG_A6),
IRBeam Mode
While in IRBeam mode, this register selects the pulse width of
one bit-time. This is fundamental time period for pattern
generation.
The minimum typical bit-time 0.27μs (IBT = 0). The maximum
typical bit-time is 17.28μs (IBT = 0x3F).
Figure 70:
Configuration Register A6
The IRBeam bit time is set by the following equation:
765
432
1
0
IPOFF
Field
Bits
Description
IPOFF
7:0
IRBeam Packet OFF Delay Time. Sets the amount of LED OFF time
between Packets.
765
432
1
0
Reserved
IBT
Field
Bits
Description
Reserved
7:6
Reserved. Bits must be set to 0 in IRBeam mode.
IBT
5:0
IRBeam Bit Time. Defines the pulse width for one bit-time.
(EQ8)
tIPDT
4
IPOFF 1
+
()
×
tIBT
×
=
(EQ9)
tIBT
IBT 1
+
() 0.27μs
×
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com