Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMG39921 Datasheet(PDF) 79 Page - OSRAM GmbH

Part # TMG39921
Description  Gesture, Color, ALS, and Proximity Sensor Module with mobeam™ Barcode Emulation
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

TMG39921 Datasheet(HTML) 79 Page - OSRAM GmbH

Back Button TMG39921 Datasheet HTML 75Page - OSRAM GmbH TMG39921 Datasheet HTML 76Page - OSRAM GmbH TMG39921 Datasheet HTML 77Page - OSRAM GmbH TMG39921 Datasheet HTML 78Page - OSRAM GmbH TMG39921 Datasheet HTML 79Page - OSRAM GmbH TMG39921 Datasheet HTML 80Page - OSRAM GmbH TMG39921 Datasheet HTML 81Page - OSRAM GmbH TMG39921 Datasheet HTML 82Page - OSRAM GmbH TMG39921 Datasheet HTML 83Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 79 / 96 page
background image
Page 78
ams Datasheet
Document Feedback
[v1-06] 2018-Feb-27
TMG3992 − Register Description
Configuration Register AA (CONFIG_AA),
Gesture Mode
This register contains settings that govern which gesture
photodiode pair: North-South and/or East-West will be enabled
(have valid data in FIFO) while the gesture state machine is
collecting directional data. Normal mode enables all four
gesture photodiodes and places data into FIFO as expected.
Disabling a photodiode pair, essentially allows the enabled pair
to collect data twice as fast. Data stored in the FIFO for a
disabled pair is not valid. This feature is useful to improve
reliability and accuracy of gesture detection when only
North-South or East-West gestures are expected.
Figure 82:
Configuration Register AA
765
432
1
0
Reserved
GDIMS
Field
Bits
Description
Reserved
7:2
Reserved. Bits must be set to 0.
GDIMS
1:0
Gesture Dimension Select. Selects which gesture photodiode pairs are
enabled to gather results during gesture.
Field Value
PERSISTENCE
00
Both Pairs active. NS and WE FIFO data is valid.
01
Only the NS pair is active. Ignore WE data in FIFO.
10
Only the WE pair is active. Ignore NS data in FIFO.
11
Both Pairs active. NS and WE FIFO data is valid.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com