Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMG39921 Datasheet(PDF) 33 Page - OSRAM GmbH

Part # TMG39921
Description  Gesture, Color, ALS, and Proximity Sensor Module with mobeam™ Barcode Emulation
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

TMG39921 Datasheet(HTML) 33 Page - OSRAM GmbH

Back Button TMG39921 Datasheet HTML 29Page - OSRAM GmbH TMG39921 Datasheet HTML 30Page - OSRAM GmbH TMG39921 Datasheet HTML 31Page - OSRAM GmbH TMG39921 Datasheet HTML 32Page - OSRAM GmbH TMG39921 Datasheet HTML 33Page - OSRAM GmbH TMG39921 Datasheet HTML 34Page - OSRAM GmbH TMG39921 Datasheet HTML 35Page - OSRAM GmbH TMG39921 Datasheet HTML 36Page - OSRAM GmbH TMG39921 Datasheet HTML 37Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 96 page
background image
Page 32
ams Datasheet
Document Feedback
[v1-06] 2018-Feb-27
TMG3992 − Detailed Description
Gesture results are affected by three fundamental factors: IR
LED emission, IR reception, and environmental factors,
including motion.
During operation, the Gesture engine is entered when Gesture
Enable, GEN, and Gesture Mode bit, GMODE, are both set.
GMODE can be set/reset manually, via I2C, or becomes set when
proximity results, in PDATA, are greater or equal to the gesture
proximity entry threshold, GPENTH. If the Gesture Enter Always,
GENAL, bit is set, then any PDATA result will cause an entry into
the gesture engine. Exit of the gesture engine will not occur
until GMODE is reset to zero. During normal operation, GMODE
is reset when all 4-bytes of a gesture dataset fall below the exit
threshold, GEXTH, for GEXPERS times. This exit condition is also
influenced by the gesture exit mask, GEXMSK, which includes
all non-masked datum (i.e. singular 1-byte N, S, W, E points). To
prevent premature exit, a persistence filter is also included; exit
will only occur if a consecutive number of below-threshold
results is greater or equal to the persistence value, GEXPERS.
Each dataset result that is above-threshold will reset the
persistence count. False or incomplete gestures (engine entry
and exit without GVALID transitioning high) will not generate
a gesture interrupt, GINT, and FIFO data will automatically be
purged.
During North-South-West-East Gesture operation, the IR
reception signal path begins with IR detection at the
photodiodes and ends with the four, 8-bit gesture results
loading into the FIFO. Each 8-bit result corresponds to the
amount of IR energy measured by each photodiode sensor.
Signal from the four photodiodes is amplified, and offset
adjusted to optimize performance.
Photodiodes are paired to form two signal paths: North/South
and West/East. Photodiode pairs can be masked to exclude its
results from the gesture FIFO data. For example, if only
North-South motions detection is required then the gesture
dimension control bits, GDIMS, may be set to 0x01. FIFO data
will be zero for East/West results and accumulation/ADC
integration time will be approximately halved. Gain is
adjustable from 1x to 8x using the GGAIN control bits. Offset
correction is accomplished by individual adjustment to
GOFFSET_N, GOFFSET_S, GOFFSET_W, GOFFSET_E registers
which improves cross-talk performance. The analog circuitry of
the device applies offset values as a subtraction to the signal
accumulation; therefore a positive offset value has the effect of
decreasing the results.
Optically, the IR emission appears as a pulse train. The number
of pulses is set by the GPULSE bits and the period of each pulse
is adjustable using the GPLEN bits. Pulse train repetition (I.e. the
circular flow of operation inside the gesture state machine) can
be delayed by setting a non-zero value in the gesture wait time
bits, GWTIME. The inclusion of a wait state reduces both the
power consumption and the data rate.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com