Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD5752R Datasheet(PDF) 1 Page - Analog Devices

Part # AD5752R
Description  Quad 12-Bit Serial Input Unipolar/Bipolar Voltage Output DAC
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5752R Datasheet(HTML) 1 Page - Analog Devices

  AD5752R Datasheet HTML 1Page - Analog Devices AD5752R Datasheet HTML 2Page - Analog Devices AD5752R Datasheet HTML 3Page - Analog Devices AD5752R Datasheet HTML 4Page - Analog Devices AD5752R Datasheet HTML 5Page - Analog Devices AD5752R Datasheet HTML 6Page - Analog Devices AD5752R Datasheet HTML 7Page - Analog Devices AD5752R Datasheet HTML 8Page - Analog Devices AD5752R Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
Quad, 12-Bit, Serial Input,
Unipolar/Bipolar, Voltage Output DAC
AD5726
Rev. 0
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityis assumedbyAnalogDevicesforitsuse,norforanyinfringements of patents or other
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.461.3113
©2007 Analog Devices, Inc. All rights reserved.
FEATURES
+5 V to ±15 V operation
Unipolar or bipolar operation
±1 LSB maximum INL error, ±1 LSB maximum DNL error
Guaranteed monotonic over temperature
Double-buffered inputs
Simultaneous updating via LDAC
Asynchronous CLR to zero scale/midscale
Operating temperature range: −40°C to +125°C
iCMOS® process technology1
APPLICATIONS
Industrial automation
Closed-loop servo control, process control
Automotive test and measurement
Programmable logic controllers
GENERAL DESCRIPTION
The AD5726 is a quad, 12-bit, serial input, voltage output
digital-to analog converter that offers guaranteed monotonicity
and integral nonlinearity (INL) of ±1 LSB maximum.
Output voltage swing is set by two reference inputs, VREFP and
VREFN. The DAC offers a unipolar positive output range when
the VREFN input is set to 0 V and the VREFP input is set to a positive
voltage. A similar configuration with VREFP at 0 V and VREFN at a
negative voltage provides a unipolar negative output range.
Bipolar outputs are configured by connecting both VREFP and
VREFN to nonzero voltages. This method of setting output voltage
ranges has advantages over the bipolar offsetting methods
because it is not dependent on internal and external resistors
with different temperature coefficients.
The AD5726 uses a serial interface that operates at clock rates up to
30 MHz and is compatible with DSP and microcontroller interface
standards. Double buffering allows simultaneous updating of all
DACs. The asynchronous CLR function clears all DAC registers
to a user-selectable, zero-scale or midscale output.
The AD5726 is available in 16-lead SSOP and 16-lead SOIC
packages. It can be operated from a wide variety of supply and
reference voltages with supplies ranging from single +5 V to
±15 V, and references ranging from +2.5 V to ±10 V. Power
dissipation is less than 240 mW with ±15 V supplies and only
30 mW with a +5 V supply. Operation is specified over the
temperature range of −40°C to +125°C.
Table 1. Related Devices
Part No.
Description
AD5725
Quad, 12-bit, parallel input,
unipolar/bipolar, voltage output DAC.
AD5724R/AD5734R/
AD5754R
Complete, quad, 12-/14-/16-bit, serial
input, unipolar/bipolar voltage output
DAC with internal reference.
AD5722R/AD5732R/
AD5752R
Complete, dual, 12-/14-/16-bit, serial
input, unipolar/bipolar voltage output
DAC with internal reference.
FUNCTIONAL BLOCK DIAGRAM
DAC C
DAC D
DAC B
DAC A
GND
AD5726
12
VOUTA
12
VOUTB
12
VOUTC
12
12
12
12
12
VOUTD
CLRSEL
12
I/O
REGISTER
AND
CONTROL
LOGIC
VREFP
AVDD
AVSS
SDIN
SCLK
CS
VREFN
LDAC
CLR
INPUT
REG A
INPUT
REG B
INPUT
REG C
INPUT
REG D
DAC
REG A
DAC
REG B
DAC
REG C
DAC
REG D
Figure 1.
1 For analog systems designers within industrial/instrumentation equipment OEMs who need high performance ICs at higher-voltage levels, iCMOS is a technology
platform that enables the development of analog ICs capable of 30 V and operating at ±15 V supplies while allowing dramatic reductions in power consumption and
package size, and increased ac and dc performance.


Similar Part No. - AD5752R

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD5752R AD-AD5752R Datasheet
295Kb / 32P
Complete, Dual, 12-/14-/16-Bit, Serial Input, Unipolar/Bipolar, Voltage Output DACs
Rev. PrC
AD5752RBREZ AD-AD5752RBREZ Datasheet
295Kb / 32P
Complete, Dual, 12-/14-/16-Bit, Serial Input, Unipolar/Bipolar, Voltage Output DACs
Rev. PrC
AD5752RBREZ AD-AD5752RBREZ Datasheet
1Mb / 32P
Complete, Dual, 12-/14-/16-Bit, Serial Input, Unipolar/Bipolar, Voltage Output DACs
2/2017-Rev. E to Rev. F
AD5752RBREZ-REEL7 AD-AD5752RBREZ-REEL7 Datasheet
295Kb / 32P
Complete, Dual, 12-/14-/16-Bit, Serial Input, Unipolar/Bipolar, Voltage Output DACs
Rev. PrC
AD5752RBREZ-REEL7 AD-AD5752RBREZ-REEL7 Datasheet
1Mb / 32P
Complete, Dual, 12-/14-/16-Bit, Serial Input, Unipolar/Bipolar, Voltage Output DACs
2/2017-Rev. E to Rev. F
More results

Similar Description - AD5752R

ManufacturerPart #DatasheetDescription
logo
Wolfson Microelectronic...
WM2614 WOLFSON-WM2614 Datasheet
155Kb / 10P
Quad 12-bit Serial Input Voltage Output DAC
logo
Analog Devices
DAC8420 AD-DAC8420 Datasheet
587Kb / 16P
Quad 12-Bit Serial Voltage Output DAC
REV.0
AD5724 AD-AD5724 Datasheet
1Mb / 32P
Complete, Quad, 12-/14-/16-Bit, Serial Input, Unipolar/Bipolar Voltage Output DACs
REV. 0
AD5724R AD-AD5724R Datasheet
301Kb / 32P
Complete, Quad, 12-/14-/16-Bit, Serial Input, Unipolar/Bipolar Voltage Output DACs
Rev. PrC
AD5724 AD-AD5724_15 Datasheet
1Mb / 32P
Complete, Quad, 12-/14-/16-Bit, Serial Input, Unipolar/Bipolar Voltage Output DACs
REV. D
AD5725 AD-AD5725_15 Datasheet
493Kb / 20P
Quad, 12-Bit, Parallel Input, Unipolar/Bipolar, Voltage Output DAC
REV. C
AD5734 AD-AD5734_15 Datasheet
1Mb / 32P
Complete, Quad, 12-/14-/16-Bit, Serial Input, Unipolar/Bipolar Voltage Output DACs
REV. D
AD5754 AD-AD5754_15 Datasheet
1Mb / 32P
Complete, Quad, 12-/14-/16-Bit, Serial Input, Unipolar/Bipolar Voltage Output DACs
REV. D
AD5724R AD-AD5724R_17 Datasheet
1Mb / 33P
Complete, Quad, 12-/14-/16-Bit, Serial Input, Unipolar/Bipolar Voltage Output DACs
2/2017-Rev. F to Rev. G
AD5724 AD-AD5724_17 Datasheet
1Mb / 31P
Complete, Quad, 12-/14-/16-Bit, Serial Input, Unipolar/Bipolar Voltage Output DACs
2/2017-Rev. E to Rev. F
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com