Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD5752R Datasheet(PDF) 10 Page - Analog Devices

Part # AD5752R
Description  Quad 12-Bit Serial Input Unipolar/Bipolar Voltage Output DAC
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5752R Datasheet(HTML) 10 Page - Analog Devices

Back Button AD5752R Datasheet HTML 6Page - Analog Devices AD5752R Datasheet HTML 7Page - Analog Devices AD5752R Datasheet HTML 8Page - Analog Devices AD5752R Datasheet HTML 9Page - Analog Devices AD5752R Datasheet HTML 10Page - Analog Devices AD5752R Datasheet HTML 11Page - Analog Devices AD5752R Datasheet HTML 12Page - Analog Devices AD5752R Datasheet HTML 13Page - Analog Devices AD5752R Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
AD5726
Rev. 0 | Page 10 of 20
0
–0.7
–40
80
TEMPERATURE (°C)
–0.1
–0.2
–0.3
–0.4
–0.5
–0.6
–20
0
20
40
60
DAC D
DAC C
DAC A
DAC B
AVDD = +15V
AVSS = –15V
VREFP = +10V
VREFN = –10V
2kΩ LOAD
Figure 12. Full-Scale Error vs. Temperature
0.3
–0.3
–40
80
TEMPERATURE (°C)
0.2
0.1
0
–0.1
–0.2
–20
0
20
40
60
DAC A
DAC D
DAC B
DAC C
AVDD = +15V
AVSS = –15V
VREFP = +10V
VREFN = –10V
2kΩ LOAD
Figure 13. Zero-Scale Error vs. Temperature
0.3
0.2
0.1
0
–0.1
–0.2
–0.3
0
500
1000
1500
2000
2500
3000
3500
4000
DAC (Code)
DAC A
DAC B
DAC C
DAC D
AVDD = +15V
AVSS = –15V
VREFP = +10V
VREFN = –10V
TA = 25°C
Figure 14. Channel-to-Channel Matching, VSUPPLY = ±15 V, VREFP/VREFN = ±10 V
0.3
0.2
0.1
0
–0.1
–0.2
–0.3
–0.4
0
500
1000
1500
2000
2500
3000
3500
4000
DAC (Code)
AVDD = 5V
AVSS = 0V
VREFP = 2.5V
VREFN = 0V
TA = 25°C
DAC A
DAC B
DAC C
DAC D
Figure 15. Channel-to-Channel Matching, VSUPPLY = +5 V, VREFP = 2.5 V, VREFN = 0 V
16
0
–7
13
VREFP (V)
14
12
10
8
6
4
2
–5
–3
–1
1
3
5
7
9
11
AVDD = +15V
AVSS = –15V
VREFN = –10V
DIGITAL INPUTS HIGH
TA = 25°C
Figure 16. AIDD vs. VREFP, All DACs Loaded with Full-Scale Code
1.7995
–0.0005
0
4000
DAC (Code)
1.5995
1.3995
1.1995
0.9995
0.7995
0.5995
0.3995
0.1995
500
1000
1500
2000
2500
3000
3500
VREFP = +10V
VREFN = –10V
TA = 25°C
AVDD = +15V
AVSS = –15V
Figure 17. IVREFP vs. DAC Code



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com