Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD5752R Datasheet(PDF) 17 Page - Analog Devices

Part # AD5752R
Description  Quad 12-Bit Serial Input Unipolar/Bipolar Voltage Output DAC
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5752R Datasheet(HTML) 17 Page - Analog Devices

Back Button AD5752R Datasheet HTML 12Page - Analog Devices AD5752R Datasheet HTML 13Page - Analog Devices AD5752R Datasheet HTML 14Page - Analog Devices AD5752R Datasheet HTML 15Page - Analog Devices AD5752R Datasheet HTML 16Page - Analog Devices AD5752R Datasheet HTML 17Page - Analog Devices AD5752R Datasheet HTML 18Page - Analog Devices AD5752R Datasheet HTML 19Page - Analog Devices AD5752R Datasheet HTML 20Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 17 / 20 page
background image
AD5726
Rev. 0 | Page 17 of 20
MICROPROCESSOR INTERFACING
Microprocessor interfacing to the AD5726 is via a serial bus
that uses standard protocol compatible with microcontrollers
and DSP processors. The communications channel is a 3-wire
interface (minimum) consisting of a clock signal, a data signal,
and a synchronization signal. The AD5726 requires a 16-bit
data-word with data valid on the falling edge of SCLK.
For all the interfaces, the DAC output update can be done
automatically when all the data is clocked in, or it can be done
under the control of LDAC.
MC68HC11 Interface
Figure 28 shows an example of a serial interface between the
AD5726 and the MC68HC11 microcontroller. The serial
peripheral interface (SPI) on the MC68HC11 is configured for
master mode (MSTR = 1); clock polarity bit (CPOL = 0), and
the clock phase bit (CPHA = 1). The SPI is configured by writing
to the SPI control register (SPCR); see the 68HC11 User Manual.
SCK of the MC68HC11 drives the SCLK of the AD5726, the
MOSI output drives the serial data line (SDIN) of the AD5726.
The CS is driven from one of the port lines, in this case PC7.
When data is being transmitted to the AD5726, the CS line
(PC7) is taken low and data is transmitted MSB first. Data
appearing on the MOSI output is valid on the falling edge of
SCK. Eight falling clock edges occur in the transmit cycle; thus,
to load the required 16-bit word, PC7 is not brought high until
the second 8-bit word has been transferred to the DACs input
shift register.
SDIN
MOSI
SCLK
SCK
CS
PC7
AD5726*
MC68HC11*
*ADDITIONAL PINS OMITTED FOR CLARITY.
Figure 28. MC68HC11 to AD5726 Interface
8xC51 Interface
The AD5726 requires a clock synchronized to the serial data.
For this reason, the 8xC51 must be operated in Mode 0. In this
mode, serial data is transferred through RxD, and a shift clock
is output on TxD.
P3.3 and P3.4 are bit-programmable pins on the serial port and
are used to drive CS and LDAC, respectively. The 8Cx51 provides
the LSB of its SBUF register as the first bit in the data stream. The
user must ensure that the data in the SBUF register is arranged
correctly because the DAC expects MSB first. When data is to
be transmitted to the DAC, P3.3 is taken low. Data on RxD is
clocked out of the microcontroller on the rising edge of TxD
and is valid on the falling edge. As a result, no glue logic is
required between this DAC and the microcontroller interface.
The 8xC51 transmits data in 8-bit bytes with only eight falling
clock edges occurring in the transmit cycle. Because the DAC
expects a 16-bit word, CS (P3.3) must be left low after the first
eight bits are transferred. After the second byte has been
transferred, the P3.3 line is taken high. The DAC can be
updated using LDAC via P3.4 of the 8xC51
SDIN
RxD
SCLK
TxD
CS
P3.3
LDAC
P3.4
AD5726*
8xC51*
*ADDITIONAL PINS OMITTED FOR CLARITY.
Figure 29. 8xC51 to AD5726 Interface
PIC16C6x/7x Interface
The PIC16C6x/7x synchronous serial port (SSP) is configured as
an SPI master with the clock polarity bit set to 0. This is done by
writing to the synchronous serial port control register (SSPCON).
See the PIC16/17 Microcontroller User Manual. In this example,
I/O port RA1 is being used to pulse CS and enable the serial
port of the AD5726. This microcontroller transfers only eight
bits of data during each serial transfer operation; therefore, two
consecutive write operations are needed. Figure 30 shows the
connection diagram.
SDIN
SDO/RC5
SCLK
SCLK/RC3
CS
RA1
AD5726*
PIC16C6x/7x*
*ADDITIONAL PINS OMITTED FOR CLARITY.
Figure 30. PIC16C6x/7x to AD5726 Interface
Blackfin® DSP interface
Figure 31 shows how the AD5726 can be interfaced to the
Analog Devices Blackfin DSP. The Blackfin has an integrated
SPI port that can be connected directly to the SPI pins of the
AD5726. It also has programmable I/O pins that can be used to
set the state of a digital input such as the LDAC pin.
CS
SPISELx
SCLK
SCK
SDIN
MOSI
LDAC
PF10
AD5726*
ADSP-BF531
*ADDITIONAL PINS OMITTED FOR CLARITY.
Figure 31. Blackfin DSP to AD5726 Interface



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com