Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DMR35-DCV2-DC1-R Datasheet(PDF) 2 Page - Murata Power Solutions Inc.

Part # DMR35-DCV2-DC1-R
Description  Precision DC Voltmeter
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA-PS [Murata Power Solutions Inc.]
Direct Link  http://www.murata-ps.com
Logo MURATA-PS - Murata Power Solutions Inc.

DMR35-DCV2-DC1-R Datasheet(HTML) 2 Page - Murata Power Solutions Inc.

  DMR35-DCV2-DC1-R Datasheet HTML 1Page - Murata Power Solutions Inc. DMR35-DCV2-DC1-R Datasheet HTML 2Page - Murata Power Solutions Inc. DMR35-DCV2-DC1-R Datasheet HTML 3Page - Murata Power Solutions Inc. DMR35-DCV2-DC1-R Datasheet HTML 4Page - Murata Power Solutions Inc. DMR35-DCV2-DC1-R Datasheet HTML 5Page - Murata Power Solutions Inc. DMR35-DCV2-DC1-R Datasheet HTML 6Page - Murata Power Solutions Inc. DMR35-DCV2-DC1-R Datasheet HTML 7Page - Murata Power Solutions Inc. DMR35-DCV2-DC1-R Datasheet HTML 8Page - Murata Power Solutions Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
DMR35-DCV Series
Precision DC Voltmeter
DMR35-DCV.A01.D0
6 Page 2 of 8
www.murata-ps.com
SPECIFICATIONS:
Measurement Performance
Min
Typ.
Max
Units
Measurement Ranges
DMR35-DCV1
0-5, 0-8, 0-10, 0-15, 0-20, 0-25, 0-30, 0-50
V
DMR35-DCV2
±5, ±8, ±10, ±15, ±20, , ±25, ±30, ±50
V
Accuracy (25 °C)
0.8% Reading + 2 counts
Temperature Stability
0.01
% F.S. /°C
Input Impedance
1
MΩ
Absolute Maximum input
voltage (+VIN to –VIN, applied
for 1 minute max.)
-100
100
V
Absolute Maximum voltage
differential (either +VIN or –
VIN to –VS) (2)
-48
+48
V
Notes:
1)
Exceeding Absolute Maximum ratings may result in permanent damage to the meter.
Power Supply
Characteristics
Min
Typ.
Max
Units
Operating Supply Voltage
9
32
V
Absolute Maximum Supply
Voltage
-1
34
V
Operating Supply Current
12V supply
37
mA
24V supply
25
mA
Display & User Interface
Display Type & Size
3-1/2 digit 7-segment, 11.4mm (0.45 in.) high
21 segment curved bar-graph
Display Color
Red (625nm)
Decimal Point Selection
Automatic
Out-of-range Indication
Flashing display
Measurement Range
Selection
Dipswitch selectable (8 ranges)
Display Intensity Control
Dipswitch selectable (4 ranges)
Terminal Blocks
Wire Size
14-24 AWG
Insulation Strip Length
6mm (0.24 in.)
Screw Tightening Torque
0.4 N-m (3.5 lb.-in)
Mechanical/Environmental
Parameter
Min
Typ.
Max
Units
Operating Temperature
0
50
°C
Storage Temperature
-40
70
°C
Humidity (non-condensing)
0
85
%RH
Sealing (front face, when
installed with included gasket)
Splash and dust resistant
Mounting screws (4 included)
#4-20 0.5” thread forming
Screw Tightening Torque
9 in-lb (1 N-m)
Panel thickness when used
with included mounting
screws
0.062 in. (1.6mm)
0.25 in. (6.3mm)
Dimensions
See Mechanical Specifications figure for details
Weight
2.3 (65)
oz. (g)



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com