Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DMR35-DCV2-DC1-R Datasheet(PDF) 5 Page - Murata Power Solutions Inc.

Part # DMR35-DCV2-DC1-R
Description  Precision DC Voltmeter
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA-PS [Murata Power Solutions Inc.]
Direct Link  http://www.murata-ps.com
Logo MURATA-PS - Murata Power Solutions Inc.

DMR35-DCV2-DC1-R Datasheet(HTML) 5 Page - Murata Power Solutions Inc.

  DMR35-DCV2-DC1-R Datasheet HTML 1Page - Murata Power Solutions Inc. DMR35-DCV2-DC1-R Datasheet HTML 2Page - Murata Power Solutions Inc. DMR35-DCV2-DC1-R Datasheet HTML 3Page - Murata Power Solutions Inc. DMR35-DCV2-DC1-R Datasheet HTML 4Page - Murata Power Solutions Inc. DMR35-DCV2-DC1-R Datasheet HTML 5Page - Murata Power Solutions Inc. DMR35-DCV2-DC1-R Datasheet HTML 6Page - Murata Power Solutions Inc. DMR35-DCV2-DC1-R Datasheet HTML 7Page - Murata Power Solutions Inc. DMR35-DCV2-DC1-R Datasheet HTML 8Page - Murata Power Solutions Inc.  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
DMR35-DCV Series
Precision DC Voltmeter
DMR35-DCV.A01.D0
6 Page 5 of 8
www.murata-ps.com
METER CONFIGURATION
Meter Range Settings
DMR35 meter configuration is controlled through a 5-position dipswitch (SW1-SW5) on the rear of the meter. The individual switches are labelled 1
through 5 on the dipswitch, and the ON position of the switches is also labelled. These switches are used to select both the meter’s measurement
range and the display intensity (brightness).
Switches SW3 through SW5 select the meter’s measurement range, as shown in the table below.
Switch Setting
DMR35 Model
SW3
SW4
SW5
Dipswitch
-DCV11
-DCV22
OFF
OFF
OFF
0-5 V
±5 V
OFF
OFF
ON
0-8 V
±8 V
OFF
ON
OFF
0-10 V
±10 V
OFF
ON
ON
0-15 V
±15 V
ON
OFF
OFF
0-20V
±20 V
ON
OFF
ON
0-25 V
±25 V
ON
ON
OFF
0-30 V
±30 V
ON
ON
ON
0-50 V
±50 V
Display Intensity Settings
Set the display intensity by setting the switches as follows:
SW1
SW2
Dipswitch
Display Intensity
OFF
OFF
Low
OFF
ON
Medium
ON
OFF
High
ON
ON
High2 3
1
DMR35-DCV1 provides unipolar measurement capability, meaning that
the meter will only measure positive values of input voltage. The bar-
graph will indicate a measurement of zero or less by illuminating the
leftmost LED, and increasingly positive input values will illuminate the
bar-graph to the rightmost LED until all LEDs are illuminated at positive
full-scale. Negative input values will result in an underflow condition of a
flashing zero reading. Positive input values exceeding the maximum
range will result in a flashing overflow condition.
2
DMR35-DCV2 provides bipolar measuring capability, meaning that it
will measure both positive and negative input voltages. A zero-value
input voltage will illuminate a single center LED. Increasingly negative
input values will illuminate the bar-graph from center to the leftmost LED
until all left-side LEDs are illuminated at negative full-scale, and
increasingly positive input values will illuminate the bar-graph from
center to the rightmost LED until all right-side LEDs are illuminated at
positive full-scale. If the input voltage exceeds the meter’ s currently
selected range, the display will flash to indicate overflow or underflow
conditions.
3
Provides only slightly higher intensity than ‘High’ setting



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com