Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DMR35-DCV2-DC1-R Datasheet(PDF) 1 Page - Murata Power Solutions Inc.

Part # DMR35-DCV2-DC1-R
Description  Precision DC Voltmeter
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA-PS [Murata Power Solutions Inc.]
Direct Link  http://www.murata-ps.com
Logo MURATA-PS - Murata Power Solutions Inc.

DMR35-DCV2-DC1-R Datasheet(HTML) 1 Page - Murata Power Solutions Inc.

  DMR35-DCV2-DC1-R Datasheet HTML 1Page - Murata Power Solutions Inc. DMR35-DCV2-DC1-R Datasheet HTML 2Page - Murata Power Solutions Inc. DMR35-DCV2-DC1-R Datasheet HTML 3Page - Murata Power Solutions Inc. DMR35-DCV2-DC1-R Datasheet HTML 4Page - Murata Power Solutions Inc. DMR35-DCV2-DC1-R Datasheet HTML 5Page - Murata Power Solutions Inc. DMR35-DCV2-DC1-R Datasheet HTML 6Page - Murata Power Solutions Inc. DMR35-DCV2-DC1-R Datasheet HTML 7Page - Murata Power Solutions Inc. DMR35-DCV2-DC1-R Datasheet HTML 8Page - Murata Power Solutions Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
DMR35-DCV Series
Precision DC Voltmeter
DMR35-DCV.A01.D0
6 Page 1 of 8
www.murata-ps.com
PRODUCT OVERVIEW
The DMR35-DCV1 digital panel meter performs precision DC voltage measurements and Is available
in two models, both offering full-scale dipswitch selectable ranges spanning 5V to 50V. These
meters feature a highly visible, 3-1/2 digit display and a fast-acting 21 segment bar-graph to
provide helpful indication of quickly changing measured values.
Dipswitches are provided for display brightness and also selection of up to eight (8) measurement
ranges.
The meter is powered from an external 9-32VDC power supply and typically requires only 37 mA
when operated at 12V. The measurement inputs provide +/-48V of common-mode input range,
simplifying the meter’s use in a wide range of applications.
The DMR35 family features a rugged polycarbonate housing that is mountable in a round hole using
supplied screws, and is designed as a mechanical drop-in replacement for many commonly
available analog movement meters, making it ideal for use in laboratory instrumentation, factory
automation, and other applications requiring precise DC voltage monitoring.
ORDERING INFORMATION:
MODEL NUMBER
DESCRIPTION
DMR35-DCV1-DC
1-R
DC Voltmeter, 0-5 to 0-50 V ranges, 9-32VDC powered, red
display
DMR35-DCV2-DC1-R
DC Voltmeter, ±5 to ±50 V ranges, 9-32VDC powered, red
display
SIMPLIFIED BLOCK DIAGRAM
Features
Bright, easily readable LED display
Up to 3-1/2 digit measurements
Bar-graph display scale
0.8% measurement accuracy
1 Megohm input impedance
Selectable voltage measurement ranges
Unipolar/ Bipolar measurement options
User-adjustable display brightness
Mechanical drop-in replacement for
common analog-movement meters
Operates from 9 to 32 VDC
Low current consumption, 37 mA typical
at 12VDC
RoHS Compliant
Two year warranty
For full details go to
www.murata-ps.com/rohs


Similar Part No. - DMR35-DCV2-DC1-R

ManufacturerPart #DatasheetDescription
logo
Murata Power Solutions ...
DMR35-DCA MURATA-PS-DMR35-DCA Datasheet
1Mb / 8P
Precision DC Shunt Ammeter
2021
DMR35-DCA1-DC1-R MURATA-PS-DMR35-DCA1-DC1-R Datasheet
1Mb / 8P
Precision DC Shunt Ammeter
2021
DMR35-DCA2-DC1-R MURATA-PS-DMR35-DCA2-DC1-R Datasheet
1Mb / 8P
Precision DC Shunt Ammeter
2021
DMR35-DCMA1-DC1-R MURATA-PS-DMR35-DCMA1-DC1-R Datasheet
1Mb / 8P
DMR35 DC Micro and Milli-ammeters
2021
DMR35-DCMA2-DC1-R MURATA-PS-DMR35-DCMA2-DC1-R Datasheet
1Mb / 8P
DMR35 DC Micro and Milli-ammeters
2021
More results

Similar Description - DMR35-DCV2-DC1-R

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
M16C26A-V RENESAS-M16C26A-V Datasheet
510Kb / 15P
Sample Program (Voltmeter)
logo
List of Unclassifed Man...
Q2000-AVR4 ETC2-Q2000-AVR4 Datasheet
112Kb / 2P
DC Voltmeter, Ammeter, Indicator/ Controller
logo
Asahikeiki Co.,Ltd.
AP-310 ASAHI-AP-310 Datasheet
48Kb / 1P
DC VOLTMETER & AMMETER
logo
SELEC Controls Pvt. Ltd
MV15 SELEC-MV15 Datasheet
454Kb / 2P
Digital Voltmeter
MV305 SELEC-MV305 Datasheet
349Kb / 1P
Digital Voltmeter
MV507 SELEC-MV507 Datasheet
393Kb / 1P
Digital Voltmeter
MV2307 SELEC-MV2307 Datasheet
407Kb / 1P
Digital Voltmeter
logo
Carlo Gavazzi Holding A...
LDI3AV6D CARLOGAVAZZI-LDI3AV6D Datasheet
54Kb / 2P
Panel Meters and Controllers DC Ammeter and Voltmeter
logo
NHP Electrical Engineer...
RQ48E-VAC-300V NHP-RQ48E-VAC-300V Datasheet
996Kb / 3P
VOLTMETER 300V AC
11 October 2022,
RQ96EVAC300V NHP-RQ96EVAC300V Datasheet
996Kb / 3P
VOLTMETER 300V AC
11 October 2022,
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com