Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TUSB1105RGTR Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # TUSB1105RGTR
Description  ADVANCED UNIVERSAL SERIAL BUS TRANSCEIVERS
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TUSB1105RGTR Datasheet(HTML) 4 Page - Texas Instruments

  TUSB1105RGTR Datasheet HTML 1Page - Texas Instruments TUSB1105RGTR Datasheet HTML 2Page - Texas Instruments TUSB1105RGTR Datasheet HTML 3Page - Texas Instruments TUSB1105RGTR Datasheet HTML 4Page - Texas Instruments TUSB1105RGTR Datasheet HTML 5Page - Texas Instruments TUSB1105RGTR Datasheet HTML 6Page - Texas Instruments TUSB1105RGTR Datasheet HTML 7Page - Texas Instruments TUSB1105RGTR Datasheet HTML 8Page - Texas Instruments TUSB1105RGTR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 30 page
background image
www.ti.com
TUSB1105, TUSB1106
ADVANCED UNIVERSAL SERIAL BUS TRANSCEIVERS
SCAS818C – MAY 2006 – REVISED DECEMBER 2006
TERMINAL FUNCTIONS (continued)
TERMINAL
TUSB1105
TUSB1106
I/O
DESCRIPTION
NO.
NO.
NAME(1)
RGT
RTZ
PW
RTZ
GND
Die pad Die pad
8
6
Ground supply(2)
Supply voltage for digital I/O pins (1.65 to 3.6 V). When VCC(I/O) is not
connected, the D+ and D– pins are in 3-state. This supply pin is
VCC(I/O)
7
7
9
7
independent of VCC(5.0) and Vreg(3.3) and must never exceed the Vreg(3.3)
voltage.
Speed selection (CMOS level with respect to VCC(I/O)). Adjusts the slew rate
of differential data outputs D+ and D– according to the transmission speed.
SPEED
8
8
10
8
I
Input pad, push pull, CMOS.
LOW – low speed (1.5 Mbit/s)
HIGH – full speed (12 Mbit/s)
Negative USB data bus connection (analog, differential). For low-speed
D–
9
9
11
9
AI/O
mode, connect to pin Vpu(3.3) via a 1.5-kΩ resistor.
Positive USB data bus connection (analog, differential). For full-speed
D+
10
10
12
10
AI/O
mode, connect to pin Vpu(3.3) via a 1.5-kΩ resistor.
VPO/VO
11
11
I
Driver data (CMOS level with respect to VCC(I/O), Schmitt trigger). See
Driving Function Table (pin OE = L) using single-ended input data interface
for TUSB1105 (pin MODE = L), and Driving Function Table (pin OE = L)
VPO
13
11
using differential input data interface for TUSB1105 (pin MODE = H) and
TUSB1106 input pad. Push pull, CMOS.
VMO/FSE0
12
12
I
Driver data (CMOS level with respect to VCC(I/O), Schmitt trigger). See
Driving Function Table (pin OE = L) using single-ended input data interface
for TUSB1105 (pin MODE = L), and Driving Function Table (pin OE = L)
VMO
14
12
using differential input data interface for TUSB1105 (pin MODE = H) and
TUSB1106 input pad. Push pull, CMOS.
Internal regulator option. Regulated supply-voltage output (3 V to 3.6 V)
during 5-V operation. A decoupling capacitor of at least 0.1 mF is required
Vreg(3.3)
13
13
15
13
for the regulator bypass option. Used as a supply-voltage input for
3.3 V
± 10% operation.
Internal regulator option. Supply-voltage input (4 V to 5.5 V). Can be
VCC(5.0)
14
14
16
14
connected directly to USB supply VBUS regulator bypass option. Connect
to Vreg(3.3).
Pullup supply voltage (3.3 V
± 10%). Connect an external 1.5-kΩ resistor
on D+ (full speed) or D– (low speed). Pin function is controlled by input
SOFTCON.
Vpu(3.3)
15
15
1
15
SOFTCON = LOW – Vpu(3.3) floating (high impedance), ensures zero pullup
current
SOFTCON = HIGH – Vpu(3.3) = 3.3 V, internally connected to Vreg(3.3)
Software-controlled USB connection. A HIGH level applies 3.3 V to pin
Vpu(3.3), which is connected to an external 1.5-kΩ pullup resistor. This
SOFTCON
16
16
2
16
I
allows USB connect/disconnect signaling to be controlled by software input
pad. Push pull, CMOS.
(2)
TUSB1105 ground terminal is connected to the exposed die pad (heat sink). The package die pad is open on the TUSB1106.
4
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com