Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TUSB1105RGTR Datasheet(PDF) 14 Page - Texas Instruments

Click here to check the latest version.
Part # TUSB1105RGTR
Description  ADVANCED UNIVERSAL SERIAL BUS TRANSCEIVERS
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TUSB1105RGTR Datasheet(HTML) 14 Page - Texas Instruments

Back Button TUSB1105RGTR Datasheet HTML 10Page - Texas Instruments TUSB1105RGTR Datasheet HTML 11Page - Texas Instruments TUSB1105RGTR Datasheet HTML 12Page - Texas Instruments TUSB1105RGTR Datasheet HTML 13Page - Texas Instruments TUSB1105RGTR Datasheet HTML 14Page - Texas Instruments TUSB1105RGTR Datasheet HTML 15Page - Texas Instruments TUSB1105RGTR Datasheet HTML 16Page - Texas Instruments TUSB1105RGTR Datasheet HTML 17Page - Texas Instruments TUSB1105RGTR Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 30 page
background image
www.ti.com
V
pu(3.3)
SPEED
SOFTCON
RCV
VPO/VO
VP
VM
1.65Vto3.6V
System ASIC
D–
D+
1.5kW
V
BUS
=5V
V
CC(5.0)
OE
V
reg(3.3)
SUSPND
MODE
(A)
VMO/FSE0
V
CC(I/O)
0.1µF
3.3V
V
CC
33 W
33 W
0.1µF
TUSB1105/1106
GND
GND
GND
GND
Peripheral-Side (Full-Speed) Regulator Bypass Mode
TUSB1105, TUSB1106
ADVANCED UNIVERSAL SERIAL BUS TRANSCEIVERS
SCAS818C – MAY 2006 – REVISED DECEMBER 2006
APPLICATION INFORMATION (continued)
A.
Only for TUSB1105
Figure 8. Peripheral-Side (Full-Speed) Regulator Bypass Mode
While operating at full speed, the 1.5-k
Ω resistor must be connected between the D+ line and V
PU(3.3) or an
externa 3.3V supply. When the VCC(5.0) and the Vreg(3.3) are connected together, the device operates at regulator
bypass mode. This enables power savings since the regulator is turned off. However, there must be a 3.3-V
supply available on board to implement this operation mode.
14
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com