Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TUSB1105RGTR Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # TUSB1105RGTR
Description  ADVANCED UNIVERSAL SERIAL BUS TRANSCEIVERS
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TUSB1105RGTR Datasheet(HTML) 3 Page - Texas Instruments

  TUSB1105RGTR Datasheet HTML 1Page - Texas Instruments TUSB1105RGTR Datasheet HTML 2Page - Texas Instruments TUSB1105RGTR Datasheet HTML 3Page - Texas Instruments TUSB1105RGTR Datasheet HTML 4Page - Texas Instruments TUSB1105RGTR Datasheet HTML 5Page - Texas Instruments TUSB1105RGTR Datasheet HTML 6Page - Texas Instruments TUSB1105RGTR Datasheet HTML 7Page - Texas Instruments TUSB1105RGTR Datasheet HTML 8Page - Texas Instruments TUSB1105RGTR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 30 page
background image
www.ti.com
M B L 3 0 1
VCC(I/O)
SOFTCON
OE
SPEED
VMO/FSE0(B)
VPO/VO(B)
MODE(C)
SUSPND
RCV
VP
VM
Level
Shifter
Voltage
Regulator
GND
33 W (1%)
33 W (1%)
3.3 V
Vpu(3.3)
Vreg(3.3)
VCC(5.0)
1.5 k
Ω(A)
D+
D–
TUSB1105
TUSB1106
+
–
TUSB1105, TUSB1106
ADVANCED UNIVERSAL SERIAL BUS TRANSCEIVERS
SCAS818C – MAY 2006 – REVISED DECEMBER 2006
FUNCTIONAL BLOCK DIAGRAM
A.
Connect to D– for low-speed operation and to D+ for high-speed operation.
B.
Pin function depends on device type.
C.
TUSB1105 only
TERMINAL FUNCTIONS
TERMINAL
TUSB1105
TUSB1106
I/O
DESCRIPTION
NO.
NO.
NAME(1)
RGT
RTZ
PW
RTZ
Output enable (CMOS level with respect to VCC(I/O), active LOW). Enables
OE
1
1
3
1
I
the transceiver to transmit data on the USB bus input pad. Push pull,
CMOS.
Differential data receiver (CMOS level with respect to VCC(I/O)). Driven LOW
when input SUSPND is HIGH. The output state of RCV is preserved and
RCV
2
2
4
2
O
stable during an SE0 condition output pad. Push pull, 4-mA output drive,
CMOS.
Single-ended D+ receiver (CMOS level with respect to V). For external
detection of single-ended zero (SE0), error conditions, speed of connected
VP
3
3
5
3
O
device. Driven HIGH when no supply voltage is connected to VCC(5.0) and
Vreg(3.3) output pad. Push pull, 4-mA output drive, CMOS.
Single-ended D– receiver (CMOS level with respect to VCC(I/O)). For
external detection of single-ended zero (SE0), error conditions, speed of
VM
4
4
6
4
O
connected device. Driven HIGH when no supply voltage is connected to
VCC(5.0) and Vreg(3.3) output pad. Push pull, 4-mA output drive, CMOS.
Suspend (CMOS level with respect to VCC(I/O)). A HIGH level enables
SUSPND
5
5
7
5
I
low-power state while the USB bus is inactive and drives output RCV to a
LOW-level input pad. Push pull, CMOS.
Mode (CMOS level with respect to VCC(I/O)). A HIGH level enables the
differential input mode (VPO, VMO), whereas a LOW level enables a
MODE
6
6
I
single-ended input mode (VO, FSE0). See Table 5 and Table 6 input pad.
Push pull, CMOS.
(1)
Terminal names with an overscore (e.g., NAME) indicate active LOW signals.
3
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com