Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD9869 Datasheet(PDF) 10 Page - Analog Devices

Part # AD9869
Description  Broadband Modem Mixed-Signal Front End
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9869 Datasheet(HTML) 10 Page - Analog Devices

Back Button AD9869 Datasheet HTML 6Page - Analog Devices AD9869 Datasheet HTML 7Page - Analog Devices AD9869 Datasheet HTML 8Page - Analog Devices AD9869 Datasheet HTML 9Page - Analog Devices AD9869 Datasheet HTML 10Page - Analog Devices AD9869 Datasheet HTML 11Page - Analog Devices AD9869 Datasheet HTML 12Page - Analog Devices AD9869 Datasheet HTML 13Page - Analog Devices AD9869 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 36 page
background image
AD9869
Rev. 0 | Page 10 of 36
PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
16
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
32
17
18
19 20
21
22
23
24
25
26 27
28
29
30 31
33
48
47
46
45
44
43
42
41
40
39
38
37
36
35
34
49
64
63
62 61
60
59
58
57
56
55 54
53
52
51 50
ADIO11/Tx[5]
ADIO8/Tx[2]
ADIO7/Tx[1]
ADIO10/Tx[4]
ADIO9/Tx[3]
ADIO6/Tx[0]
ADIO5/Tx[5]
ADIO4/Tx[4]
ADIO3/Rx[3]
ADIO2/Rx[2]
ADIO1/Rx[1]
ADIO0/Rx[0]
RXCLK
TXCLK/TXQUIET
TXEN/TXSYNC
RXEN/RXSYNC
AVSS
AVSS
IOUTN–
NC
AVDD
REFIO
REFADJ
AVDD
AVSS
RX+
RX–
REFT
AVSS
AVDD
AVSS
AD9869
TOP VIEW
(Not to Scale)
PIN 1
IDENTIFIER
AVSS
Figure 2. Pin Configuration
Table 9. Pin Function Descriptions
Pin No.
Mnemonic
Mode1
Description
1
ADIO11
HD
MSB of ADIO Buffer.
Tx[5]
FD
MSB of Tx Nibble Input.
2 to 5
ADIO10 to ADIO7
HD
Bit 10 to Bit 7 of ADIO Buffer.
Tx[4:1]
FD
Bit 4 to Bit 1 of Tx Nibble Input.
6
ADIO6
HD
Bit 6 of ADIO Buffer.
Tx[0]
FD
LSB of Tx Nibble Input.
7
ADIO5
HD
Bit 5 of ADIO Buffer.
Rx[5]
FD
MSB of Rx Nibble Output.
8, 9
ADIO4, ADIO3
HD
Bit 4 to Bit 3 of ADIO Buffer.
Rx[4:3]
FD
Bit 4 to Bit 3 of Rx Nibble Output.
10
ADIO2
HD
Bit 2 of ADIO Buffer.
Rx[2]
FD
Bit 2 of Rx Nibble Output.
11
ADIO1
HD
Bit 1 of ADIO Buffer.
Rx[1]
FD
Bit 1 of Rx Nibble Output.
12
ADIO0
HD
LSB of ADIO Buffer.
Rx[0]
FD
LSB of Rx Nibble Output.
13
RXEN
HD
ADIO Buffer Control Input.
RXSYNC
FD
Rx Data Synchronization Output.
14
TXEN
HD
Tx Path Enable Input.
TXSYNC
FD
Tx Data Synchronization Input.
15
TXCLK
HD
ADIO Sample Clock Input.
TXQUIET
FD
Fast TxDAC/IAMP Power-Down.
16
RXCLK
HD
ADIO Request Clock Input.
FD
Rx and Tx Clock Output at 2 x fADC.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com