Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD9869 Datasheet(PDF) 28 Page - Analog Devices

Part # AD9869
Description  Broadband Modem Mixed-Signal Front End
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9869 Datasheet(HTML) 28 Page - Analog Devices

Back Button AD9869 Datasheet HTML 24Page - Analog Devices AD9869 Datasheet HTML 25Page - Analog Devices AD9869 Datasheet HTML 26Page - Analog Devices AD9869 Datasheet HTML 27Page - Analog Devices AD9869 Datasheet HTML 28Page - Analog Devices AD9869 Datasheet HTML 29Page - Analog Devices AD9869 Datasheet HTML 30Page - Analog Devices AD9869 Datasheet HTML 31Page - Analog Devices AD9869 Datasheet HTML 32Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 36 page
background image
AD9869
Rev. 0 | Page 28 of 36
CLOCK SYNTHESIZER
The AD9869 generates all its internal sampling clocks, as well as
two user-programmable clock outputs appearing at CLKOUT1
and CLKOUT2, from a single reference source (see Figure 32).
The reference source can either be a fundamental frequency or
an overtone quartz crystal connected between OSCIN and
XTAL, with the parallel resonant load components specified by
the crystal manufacturer. It can also be a TTL-level clock
applied to OSCIN with XTAL left unconnected.
÷2N
XTAL
C1
÷2L
÷2R
2M CLK
MULTIPLIER
C2
XTAL
OSCIN
CLKOUT2
CLKOUT1
TO ADC
TO TxDAC
÷F/2
RXCLK
(FULL-DUPLEX ONLY)
Figure 32. Clock Oscillator and Synthesizer
Special consideration should be given to the design of crystal
oscillators using the AD9869 internal CMOS inverter. This is
especially true when designing third overtone oscillators where
crystal power dissipation and negative resistance upon start-up
are a few of the issues to consider. For this reason, a 40 MHz or
lower fundamental crystal is preferred with the AD9869.
The CMOS inverter device characteristics are listed in Table 21. It
is recommended to consult with the selected crystal manufacturer
to ensure that a robust design can be realized with the selected
crystal and AD9869 CMOS inverter.
Table 21. CMOS Inverter Device Characteristics
Parameter
Nominal
Value
Tolerance %
Description
RF
1.2 MΩ
±25
Feedback resistor.
gm
17 mA/V
±20
At midsupply.
ZOUT
1.6 kΩ
±50
At midsupply.
CIN
2.5 pF
±25
Parasitic capacitance.
COUT
2.0 pF
±25
Parasitic capacitance.
The data rate, fDATA, for the Tx and Rx data paths must always be
equal. Therefore, the ADC sample rate, fADC, is always equal to
fDATA, while the TxDAC update rate is a factor of 1, 2, or 4 of
fDATA, depending on the selected interpolation factor. The data
rate refers to the word rate and should not be confused with the
nibble rate in full-duplex interface.
The 2M CLK multiplier contains a PLL (with integrated loop
filter) and a VCO capable of generating an output frequency
that is a multiple of 1, 2, 4, or 8 of its input reference frequency,
fOSCIN, appearing at OSCIN. The input frequency range of fOSCIN
is between 20 MHz and 80 MHz, and the VCO can operate over
an 80 MHz to 200 MHz span. For the best phase noise/jitter
characteristics, it is advisable to operate the VCO with a
frequency between 100 MHz and 200 MHz. The VCO output
drives the TxDAC directly such that its update rate, fDAC, is
related to fOSCIN by the following equation:
fDAC = 2M × fOSCIN
(7)
where M = 0, 1, 2, or 3.
M is the PLL multiplication factor set in Register 0x04. The
value of M is determined by the Tx path’s word rate, fDATA, and
digital interpolation factor, F, as shown in the following
equation:
M = log2 (F × fDATA/fOSCIN)
(8)
Note that if the reference frequency appearing at OSCIN is
chosen to be equal to the Tx path and Rx path word rates, M is
equal to log2(F). Also note that the RXCLK frequency for full-
duplex mode (MODE = 1) is a function of the 2M CLK
multiplier setting, as well as the interpolation factor, F. Full-
duplex mode requires that RXCLK be equal to 2 × fDATA because
data is transferred in nibbles.
The clock source for the ADC can be selected in Register 0x04
as a buffered version of the reference frequency appearing at
OSCIN (default setting) or a divided version of the VCO
output, fDAC. The first option is the default setting and most
desirable if fOSCIN is equal to fADC. This option typically results in
the best jitter/phase noise performance for the ADC sampling
clock. The second option is suitable in cases where fOSCIN is a
factor of 2 or 4 less than the fADC. In this case, the divider ratio,
N, is chosen such that the divided down VCO output is equal to
the ADC sample rate, as shown in the following equation:
fADC = fDAC/2N
(9)
where N = 0, 1, or 2.
The CLK synthesizer also has two clock outputs appearing at
CLKOUT1 and CLKOUT2. They are programmable via
Register 0x06. Both outputs can be inverted or disabled. The
voltage levels appearing at these outputs are relative to DRVDD
and remain active during a hardware or software reset. Table 22
shows the SPI registers pertaining to the CLK synthesizer.
Table 22. SPI Registers for CLK Synthesizer
Address (Hex)
Bit
Description
0x04
4
ADC CLK from PLL.
3:2
PLL divide factor (N).
1:0
PLL multiplication factor (M).
0x06
7:6
CLKOUT2 divide number.
5
CLKOUT2 invert.
4
CLKOUT2 disable.
3:2
CLKOUT1 divide number.
1
CLKOUT1 invert.
0
CLKOUT1 disable.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com