Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD9869 Datasheet(PDF) 12 Page - Analog Devices

Part # AD9869
Description  Broadband Modem Mixed-Signal Front End
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9869 Datasheet(HTML) 12 Page - Analog Devices

Back Button AD9869 Datasheet HTML 8Page - Analog Devices AD9869 Datasheet HTML 9Page - Analog Devices AD9869 Datasheet HTML 10Page - Analog Devices AD9869 Datasheet HTML 11Page - Analog Devices AD9869 Datasheet HTML 12Page - Analog Devices AD9869 Datasheet HTML 13Page - Analog Devices AD9869 Datasheet HTML 14Page - Analog Devices AD9869 Datasheet HTML 15Page - Analog Devices AD9869 Datasheet HTML 16Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 36 page
background image
AD9869
Rev. 0 | Page 12 of 36
SERIAL PORT
Table 10. SPI Register Mapping
Power-Up Default Value
MODE = 0
(Half-Duplex)
MODE = 1
(Full-Duplex)
Address
(Hex)
Bit1
Description
Width
CONFIG = 0
CONFIG = 1
CONFIG = 0
Comments
SPI PORT CONFIGURATION AND SOFTWARE RESET
0x00
7
4-Wire SPI
1
0
0
0
6
SPI LSB First
1
0
0
0
5
Software Reset
1
0
0
0
Default SPI configuration is 3-wire,
MSB first.
POWER CONTROL REGISTERS (Via PWRDWN Pin)
0x01
7
CLK Synthesizer
1
0
0
0
6
TxDAC/IAMP
1
0
0
0
5
Tx Digital
1
0
0
0
4
REF
1
0
0
0
3
ADC CML
1
0
0
0
2
ADC
1
0
0
0
1
PGA Bias
1
0
0
0
0
RxPGA
1
0
0
0
PWRDWN = 0.
Default setting is for all blocks powered on.
0x02
7
CLK Synthesizer
1
0
0
0
6
TxDAC/IAMP
1
1
1
1
5
Tx Digital
1
1
1
1
4
REF
1
1
1
1
3
ADC CML
1
1
1
1
2
ADC
1
1
1
1
1
PGA Bias
1
1
1
1
0
RxPGA
1
1
1
1
PWRDWN = 1.
Default setting is for all functional blocks
powered down except PLL.
HALF-DUPLEX POWER CONTROL
0x03
7:3
Tx OFF Delay
5
0xFF
0xFF
N/A
2
Rx_TXEN
1
0xFF
0xFF
N/A
1
Tx PWRDN
1
0xFF
0xFF
N/A
0
Rx PWRDN
1
0xFF
0xFF
N/A
Default setting is for TXEN input to
control power-on/power-off of Tx/Rx
path. Tx driver delayed by 31 1/fDATA clock
cycles.
PLL CLOCK MULTIPLIER/SYNTHESIZER CONTROL
0x04
4
fADC from PLL
1
0
0
0
3:2
PLL Divide-N
2
00
00
00
1:0
PLL Multiplier-M
2
01
10
01
0x05
2
OSCIN to RXCLK
1
0
0
0
1
Invert RXCLK
1
0
0
0
0
Disable RXCLK
1
0
0
0
Full-duplex RXCLK normally at nibble rate.
0x06
7:6
CLKOUT2 Divide
2
01
01
01
5
CLKOUT2 Invert
1
0
0
0
4
CLKOUT2 Disable
1
0
0
0
3:2
CLKOUT1 Divide
2
01
01
01
1
CLKOUT1 Invert
1
0
0
0
0
CLKOUT1 Disable
1
0
0
0
Default setting is CLKOUT2 and
CLKOUT1 enabled with divide-by-2.
Rx PATH CONTROL
0x07
5
Initiate Offset Cal.
1
0
0
0
4
Rx Low Power
1
0
1
0
0
Enable Rx LPF
1
1
1
1
Default setting has LPF on.
Rx path at nominal power bias setting for
CONFIG = 0 and low power for CONFIG = 1.
0x08
7:0
Rx Filter Target
Cutoff Frequency
8
0x80
0x61
0x80
Refer to the Low-Pass Filter section.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com