Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD9869BCPZ Datasheet(PDF) 31 Page - Analog Devices

Part # AD9869BCPZ
Description  Broadband Modem Mixed-Signal Front End
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9869BCPZ Datasheet(HTML) 31 Page - Analog Devices

Back Button AD9869BCPZ Datasheet HTML 27Page - Analog Devices AD9869BCPZ Datasheet HTML 28Page - Analog Devices AD9869BCPZ Datasheet HTML 29Page - Analog Devices AD9869BCPZ Datasheet HTML 30Page - Analog Devices AD9869BCPZ Datasheet HTML 31Page - Analog Devices AD9869BCPZ Datasheet HTML 32Page - Analog Devices AD9869BCPZ Datasheet HTML 33Page - Analog Devices AD9869BCPZ Datasheet HTML 34Page - Analog Devices AD9869BCPZ Datasheet HTML 35Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 36 page
background image
AD9869
Rev. 0 | Page 31 of 36
For a Tx burst, the falling edge of TXEN is used to generate an
internal delayed signal for powering down the Tx circuitry. Upon
receipt of this signal, power-down of the Tx circuitry occurs
within 100 ns. The user-programmable delay for the Tx path
power-down is meant to match the pipeline delay of the last Tx
burst sample such that power-down of the TxDAC and IAMP
does not impact its transmission. A 5-bit field in Register 0x03 sets
the delay from 0 to 31 TXCLK clock cycles, with the default
being 31 (0.62 μs with fTXCLK = 50 MSPS). The digital interpolation
filter is automatically flushed with midscale samples prior to
power-down if the clock signal into the TXCLK pin is present
for 33 additional clock cycles after TXEN returns low. For an Rx
burst, the rising edge of TXEN is used to generate an internal
signal (with no delay) that powers up the Tx circuitry within 0.5 μs.
The Rx path power-on/power-off can be controlled by either
TXEN or RXEN by setting Bit 2 of Register 0x03. In the default
setting, the falling edge of TXEN powers up the Rx circuitry
within 2 μs, while the rising edge of TXEN powers down the Rx
circuitry within 0.5 μs. If RXEN is selected as the control signal,
its rising edge powers up the Rx circuitry, and the falling edge
powers it down. To disable the fast power-down of the Tx
circuitry and/or Rx circuitry, set Bit 1 and/or Bit 0 to 0.
POWER REDUCTION OPTIONS
The power consumption of the AD9869 can be significantly
reduced from its default setting by optimizing the power
consumption vs. performance of the various functional blocks
in the Tx signal path and Rx signal path. On the Tx path,
minimum power consumption is realized when the TxDAC
output is used directly and its standing current is reduced to as
low as 1 mA. Although a slight degradation in THD performance
results at reduced standing currents, it often remains adequate
for most applications because the op amp driver typically limits
the overall linearity performance of the Tx path. The load
resistors used at the TxDAC outputs (IOUTP+ and IOUTP−)
can be increased to generate an adequate differential voltage
that can be further amplified via a power efficient op amp-
based driver solution. Figure 33 shows how the supply current
for the TxDAC is reduced from 55 mA to 14 mA as the standing
current is reduced from 12.5 mA to 1.25 mA. Further Tx power
savings can be achieved by bypassing or reducing the interpola-
tion factor of the digital filter as shown in Figure 34.
ISTANDING (mA)
01
23
456
78
9
10
11
12
13
55
10
15
20
25
30
35
40
45
50
Figure 33. Reduction in TxDAC Supply Current vs. Standing Current
INPUT DATA RATE (MSPS)
20
30
40
50
60
70
80
55
60
65
15
20
25
30
35
40
45
50
2× INTERPOLATION
4× INTERPOLATION
1× (HALF-DUPLEX ONLY)
Figure 34. Digital Supply Current Consumption vs. Input Data Rate
(DVDD = DRVDD = 3.3 V and fOUT = fDATA/10)
Power consumption on the Rx path can be achieved by reducing
the bias levels of the various amplifiers contained within the
RxPGA and ADC. As previously noted, the RxPGA consists of
two CPGA amplifiers and one SPGA amplifier. The bias levels
of each of these amplifiers, along with the ADC, can be controlled
via Register 0x13 as shown in Table 24. The default setting for
Register 0x13 is 0x00.
Table 24. SPI Register for RxPGA and ADC Biasing
Address (Hex)
Bit
Description
0x07
4
ADC low power.
0x13
7:5
CPGA bias adjust.
4:3
SPGA bias adjust.
2:0
ADC power bias adjust.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com