Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD9869BCPZ Datasheet(PDF) 11 Page - Analog Devices

Part # AD9869BCPZ
Description  Broadband Modem Mixed-Signal Front End
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9869BCPZ Datasheet(HTML) 11 Page - Analog Devices

Back Button AD9869BCPZ Datasheet HTML 7Page - Analog Devices AD9869BCPZ Datasheet HTML 8Page - Analog Devices AD9869BCPZ Datasheet HTML 9Page - Analog Devices AD9869BCPZ Datasheet HTML 10Page - Analog Devices AD9869BCPZ Datasheet HTML 11Page - Analog Devices AD9869BCPZ Datasheet HTML 12Page - Analog Devices AD9869BCPZ Datasheet HTML 13Page - Analog Devices AD9869BCPZ Datasheet HTML 14Page - Analog Devices AD9869BCPZ Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 36 page
background image
AD9869
Rev. 0 | Page 11 of 36
Pin No.
Mnemonic
Mode1
Description
17, 64
DRVDD
Digital Output Driver Supply Input.
18, 63
DRVSS
Digital Output Driver Supply Return.
19
CLKOUT1
fADC/N Clock Output (R = 1, 2, or 3).
20
SDIO
Serial Port Data Input/Output.
21
SDO
Serial Port Data Output.
22
SCLK
Serial Port Clock Input.
23
SEN
Serial Port Enable Input.
24
GAIN
FD
Tx Data Port (Tx[5:0]) Mode Select.
PGA[5]
HD or FD
MSB of PGA Input Data Port.
25 to 29
PGA[4:0]
HD or FD
Bit 4 to Bit 0 of PGA Input Data Port.
30
RESET
Reset Input (Active Low).
31, 34, 36, 39, 44, 47, 48
AVSS
Analog Supply Return.
32, 33
REFB, REFT
ADC Reference Decoupling Nodes.
35, 40, 43
AVDD
Analog Power Supply Input.
37, 38
RX−, RX+
Receive Path − and + Analog Inputs.
41
REFADJ
TxDAC Full-Scale Current Adjust.
42
REFIO
TxDAC Reference Input/Output.
45, 49
NC
Do Not Connect; Leave Open.
46
IOUTN−
−Tx Mirror Current Output Sink.
50
IOUTN+
+Tx Mirror Current Output Sink.
51
IOUTP−
−TxDAC Current Output Source.
52
IOUTP+
+TxDAC Current Output Source.
53
MODE
Digital Interface Mode Select Input, Low = HD, High = FD.
54
CONFIG
Power-Up SPI Register Default Setting Input.
55
CLKVSS
Clock Oscillator/Synthesizer Supply Return.
56
XTAL
Crystal Oscillator Inverter Output.
57
OSCIN
Crystal Oscillator Inverter Input.
58
CLKVDD
Clock Oscillator/Synthesizer Supply.
59
DVSS
Digital Supply Return.
60
DVDD
Digital Supply Input.
61
CLKOUT2
fOSCIN/L Clock Output (L = 1, 2, or 4).
62
PWRDWN
Power-Down Input.
1 HD = half-duplex mode; FD = full-duplex mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com