Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD9869BCPZ Datasheet(PDF) 19 Page - Analog Devices

Part # AD9869BCPZ
Description  Broadband Modem Mixed-Signal Front End
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9869BCPZ Datasheet(HTML) 19 Page - Analog Devices

Back Button AD9869BCPZ Datasheet HTML 15Page - Analog Devices AD9869BCPZ Datasheet HTML 16Page - Analog Devices AD9869BCPZ Datasheet HTML 17Page - Analog Devices AD9869BCPZ Datasheet HTML 18Page - Analog Devices AD9869BCPZ Datasheet HTML 19Page - Analog Devices AD9869BCPZ Datasheet HTML 20Page - Analog Devices AD9869BCPZ Datasheet HTML 21Page - Analog Devices AD9869BCPZ Datasheet HTML 22Page - Analog Devices AD9869BCPZ Datasheet HTML 23Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 36 page
background image
AD9869
Rev. 0 | Page 19 of 36
RxPGA CONTROL
The AD9869 contains a digital PGA in the Rx path that is used
to extend the dynamic range. The RxPGA can be programmed
over −12 dB to +48 dB with 1 dB resolution using a 6-bit word,
and with a 0 dB setting corresponding to a 2 V p-p input signal.
The 6-bit word is fed into a look-up table (LUT) that is used to
distribute the desired gain over three amplification stages within
the Rx path. Upon power-up, the RxPGA gain register is set to
its minimum gain of −12 dB. The RxPGA gain mapping is
shown in Figure 15.
6-BIT DIGITAL WORD-DECIMAL EQUIVALENT
0
48
24
60
66
–12
–6
0
6
12
18
24
30
36
42
54
42
48
30
36
612
18
Figure 15. Digital Gain Mapping of RxPGA
Table 15 lists the SPI registers pertaining to the RxPGA.
Table 15. SPI Registers for RxPGA Control
Address
(Hex)
Bit
Description
0x09
6
Enable RxPGA update via SPI.
5:0
RxPGA gain code.
0x0B
6
Select TxPGA via PGA[5:0].
5
Select RxPGA via PGA[5:0].
3
Enable software gain strobe, full-duplex.
2
Enable RxPGA update via Tx[5:0], full-duplex.
1
3-Bit RxPGA gain mapping, half-duplex.
The RxPGA gain register can be updated via the Tx[5:0] port,
the PGA[5:0] port, or the SPI port. The first two methods allow
fast updates of the RxPGA gain register and should be considered
for digital AGC functions requiring a fast closed-loop response.
The SPI port allows direct update and readback of the RxPGA
gain register via Register 0x09 with an update rate limited to 1.6
MSPS (with SCLK = 32 MHz). Note that Bit 6 of Register 0x09
must be set for a read or write operation.
Updating the RxPGA via the Tx[5:0] port is an option only in
full-duplex mode1. In this case, a high level on the GAIN pin2
with TXSYNC low programs the PGA setting on either the
rising edge or falling edge of RXCLK, as shown in Figure 16.
The GAIN pin must be held high, TXSYNC must be held low,
and gain data must be stable for one or more clock cycles to
update the RxPGA gain setting.
A low level on the GAIN pin enables data to be fed to the digital
interpolation filter. This interface should be considered when
upgrading existing designs from the AD9875/AD9876 MxFE
products or from half-duplex applications trying to minimize
an ASIC pin count.
tSU
RXCLK
TXSYNC
Tx[5:0]
tHD
GAIN
GAIN
Figure 16. Updating RxPGA via Tx[5:0] in Full-Duplex Mode
Updating the RxPGA (or TxPGA) via the PGA[5:0] port is
an option for both the half-duplex3 and full-duplex interface.
The PGA port consists of an input buffer that passes the 6-bit
data appearing at its input directly to the RxPGA (or TxPGA)
gain register with no gating signal required. Bit 5 or Bit 6 of
Register 0x0B is used to select whether the data updates the
RxPGA or TxPGA gain register. In applications that switch
between RxPGA and TxPGA gain control via PGA[5:0], be
sure that the RxPGA (or TxPGA) is not inadvertently loaded
with the wrong data during a transition. In the case of an
RxPGA-to-TxPGA transition, first deselect the RxPGA gain
register, update the PGA[5:0] port with the desired TxPGA gain
setting, and then select the TxPGA gain register.
Note that a silicon bug exists with the full-duplex interface
(MODE = 1), which requires that the GAIN/PGA[5] pin
remains low for the digital Tx path to remain enabled. Full-
duplex protocol applications must use the SPI port to control
the Tx and Rx gain. Half-duplex protocol applications using the
function can use an AND gate with TXQUIET and the PGA5
bit serving as inputs to ensure that the GAIN/PGA[5] pin
remains low during a Tx operation.
1 Default setting for full-duplex mode (MODE = 1).
2 The gain strobe can also be set in software via Register 0x0B, Bit 3 for
continuous updating. This eliminates the requirement for the external gain
signal, reducing the ASIC pin count by 1.
3 Default setting for half-duplex mode (MODE = 0).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com