| Electronic Components Datasheet Search |
|
IA82527-PTQ44A-R Datasheet(PDF) 22 Page - InnovASIC, Inc |
|
|
|||||||||||||||||||||||||||||
IA82527-PTQ44A-R Datasheet(HTML) 22 Page - InnovASIC, Inc |
|
22 / 45 page ![]() IA82527 04 May 2007 CAN Serial Communications Controller As of Production Ver. 00 PRELIMINARY Copyright 2007 EN21070504-00 www.Innovasic.com Customer Support: Page 22 of 45 1-888-824-4184 © 4.1.1 CAN Controller The CAN Controller block of the IA82527 supports the interface to the CAN Bus via the rx0, rx1, tx0, and tx1 lines. The CAN Controller manages the transceiver logic, error management logic, and the message objects, controlling the data stream between the RAM (parallel data) and the CAN Bus (serial data). 4.1.2 RAM The RAM block of the IA82527 provides the interface buffer between the system CPU and the CAN Bus. The IA82527 RAM provides storage for 15 message objects of 8-byte data length. The RAM is an interleaved-access memory, which means that access to the RAM is timeshared between the CPU Interface Logic and the CAN Bus. 4.1.3 CPU Interface The IA82527 is capable of interfacing to many commonly used microcontrollers. There are four parallel interface options and a serial interface option. Different interface options, or modes, are selected using interface mode pins, mode1 and mode0. The parallel interface modes that can be selected are as follows: • 8-bit Intel ® multiplexed address and data buses • 16-bit Intel ® multiplexed address and data buses • 8-bit non- Intel ® multiplexed address and data buses • 8-bit non-multiplexed address and data buses The serial interface mode is fully compatible with the Motorola ® SPI protocol and will interface to most commonly used serial interfaces. The serial interface is implemented in slave mode only, and responds to the master using the specially designed serial interface protocol. The serial interface mode interconnection scheme is shown in Figure 4. Figure 4. mosi/miso Connection |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |