| Electronic Components Datasheet Search |
|
IA82527-PTQ44A-R Datasheet(PDF) 23 Page - InnovASIC, Inc |
|
|
|||||||||||||||||||||||||||||
IA82527-PTQ44A-R Datasheet(HTML) 23 Page - InnovASIC, Inc |
|
23 / 45 page ![]() IA82527 04 May 2007 CAN Serial Communications Controller As of Production Ver. 00 PRELIMINARY Copyright 2007 EN21070504-00 www.Innovasic.com Customer Support: Page 23 of 45 1-888-824-4184 © 4.1.4 I/O Ports The IA82527 provides two 8-bit low-speed input/output (I/O) ports. Depending on the CPU interface mode selected, at least 7 and up to 16 I/O lines are available. Each I/O line is individually programmable to function either as an input or an output. 4.1.5 Programmable Clock Output Using an oscillator, clock divider register, and a driver circuit, the IA82527 provides a programmable clock output. The output frequency range available is from the external crystal frequency to that frequency divided by 15. The clock output allows the IA82527 to drive other devices such as the host CPU. 4.2 Address Map The IA82527 includes 256 8-bit locations that provide device configuration registers and message storage. The address map is shown in Figure 5. 4.3 CAN Message Objects Each CAN message object has a unique identifier and can be configured as either transmit or receive, except for the last message object. The last message object is a receive-only buffer with a special mask design to allow select groups of different message identifiers to be received. Each message object contains control and status bits. All message objects have separate transmit and receive interrupts and status bits that allow the host CPU to determine when a message frame has been sent or received. The IA82527 implements a global masking feature that allows the user to globally mask any identifier bits of the incoming message. This mask is programmable, which permits application-specific message identification. The Message Object Structure is shown in Figure 6. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |