Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IA82527-PTQ44A-R Datasheet(PDF) 15 Page - InnovASIC, Inc

Part # IA82527-PTQ44A-R
Description  Serial Communications Controller CAN Protocol
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INNOVASIC [InnovASIC, Inc]
Direct Link  http://www.innovasic.com
Logo INNOVASIC - InnovASIC, Inc

IA82527-PTQ44A-R Datasheet(HTML) 15 Page - InnovASIC, Inc

Back Button IA82527-PTQ44A-R Datasheet HTML 11Page - InnovASIC, Inc IA82527-PTQ44A-R Datasheet HTML 12Page - InnovASIC, Inc IA82527-PTQ44A-R Datasheet HTML 13Page - InnovASIC, Inc IA82527-PTQ44A-R Datasheet HTML 14Page - InnovASIC, Inc IA82527-PTQ44A-R Datasheet HTML 15Page - InnovASIC, Inc IA82527-PTQ44A-R Datasheet HTML 16Page - InnovASIC, Inc IA82527-PTQ44A-R Datasheet HTML 17Page - InnovASIC, Inc IA82527-PTQ44A-R Datasheet HTML 18Page - InnovASIC, Inc IA82527-PTQ44A-R Datasheet HTML 19Page - InnovASIC, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 45 page
background image
IA82527
04 May 2007
CAN Serial Communications Controller
As of Production Ver. 00
PRELIMINARY
Copyright 
 2007
EN21070504-00
www.Innovasic.com
Customer Support:
Page 15 of 45
1-888-824-4184
©
continued
. . .
Table 3. IA82527 Pin/Signal Descriptions, continued
Pin
Signal
Name
PLCC
QFP
Description
rd_n
rd_n/e
6
44
read. Input. Active Low. Mode 0 and Mode 1.
When rd_n is asserted (low), it causes the IA82527 to drive the data
from the location being read onto the data bus.
ready
ready/miso
28
22
ready. Output (open drain). Active High. Mode 0 and Mode 1.
When ready is asserted (high), it signals the completion of a bus
cycle. The ready output is provided to force system CPU wait states
as required.
reset_n
—
29
23
reset. Input. Active Low.
When the reset_n signal is asserted (low), the IA82527 is initialized.
There are two reset situations:
Cold Reset. This is a power-on reset: As VCC is driven to a valid
level (power on), the reset_n signal must be driven low for a
minimum of 1 ms measured from a valid VCC level. No falling edge
on the reset_n pin is required during a cold reset.
Warm Reset. For this reset, VCC remains at a valid level (i.e., power
is already on and remains on) while reset_n is driven low for a
minimum of 1 ms.
r-w_n
wr_n/wrl_n/r-w_n
7
1
read-write. Input. Active High (read)-Active Low (write). Mode 3.
When r-w_n is high, it signals a read cycle. When r-w_n is low, it
signals a write cycle.
rx0
—
22
16
rx1
—
21
15
Receive (rx), lines 0 and 1. Input.
Pins rx0 and rx1 are the inputs to the IA82527 from the Controller
Area Network (CAN) bus lines. These pins connect internally to the
receiver input comparator. Serial data from the CAN bus can be
received using both rx0 and rx1 or by using only rx0 as follows:
•
When the CoBy Bit in the Bus Configuration Register (2FH) is
a 0, rx0 and rx1 are connected to the input comparator. (rx0
is connected to the non-inverting input and rx1 is connected
to the inverting input.) A recessive level is read when rx0 >
rx1. A dominant level is read when rx1 > rx0.
•
When the CoBy Bit in the Bus Configuration Register (2FH) is
a 1, input comparison is disabled, and rx0, which is still
connected to the non-inverting input of the comparator, is the
CAN bus line input. For this configuration, the DcR0 bit of the
Bus Configuration Register must be a 0.
After a cold reset (power on), the default configuration is the use of
both rx0 and rx1 for the CAN bus input.
sclk
a6/ad6/sclk
40
34
serial clock. Input. Serial Interface Mode.
The sclk pin is the serial clock input to the IA82527 (slave device).
The clock signal is provided by the master device.
continued
. . .



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com