Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DSP56362P Datasheet(PDF) 67 Page - Freescale Semiconductor, Inc

Part # DSP56362P
Description  24-Bit Audio Digital Signal Processor
PDF  152 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

DSP56362P Datasheet(HTML) 67 Page - Freescale Semiconductor, Inc

Back Button DSP56362P Datasheet HTML 63Page - Freescale Semiconductor, Inc DSP56362P Datasheet HTML 64Page - Freescale Semiconductor, Inc DSP56362P Datasheet HTML 65Page - Freescale Semiconductor, Inc DSP56362P Datasheet HTML 66Page - Freescale Semiconductor, Inc DSP56362P Datasheet HTML 67Page - Freescale Semiconductor, Inc DSP56362P Datasheet HTML 68Page - Freescale Semiconductor, Inc DSP56362P Datasheet HTML 69Page - Freescale Semiconductor, Inc DSP56362P Datasheet HTML 70Page - Freescale Semiconductor, Inc DSP56362P Datasheet HTML 71Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 152 page
background image
External Memory Expansion Port (Port A)
DSP56362 Technical Data, Rev. 4
Freescale Semiconductor
3-41
Figure 3-21 Synchronous Bus Timings SRAM 2 WS (TA Controlled)
3.10.4
Arbitration Timings
Table 3-18 Arbitration Bus Timings1
No.
Characteristics
Expression
100 MHz
Unit
Min
Max
212
CLKOUT high to BR assertion/deassertion2
1.0
4.0
ns
213
BG asserted/deasserted to CLKOUT high (setup)
4.0
ns
214
CLKOUT high to BG deasserted/asserted (hold)
0.0
ns
215
BB deassertion to CLKOUT high (input setup)
4.0
ns
216
CLKOUT high to BB assertion (input hold)
0.0
ns
217
CLKOUT high to BB assertion (output)
1.0
4.0
ns
A0–A17
WR
RD
Data Out
D0–D23
AA0–AA3
CLKOUT
TA
Data In
D0–D23
198
199
201
200
201
211
209
207
208
210
200
203
202
205
204
206
AA0480



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com