Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DSP56362P Datasheet(PDF) 112 Page - Freescale Semiconductor, Inc

Part # DSP56362P
Description  24-Bit Audio Digital Signal Processor
PDF  152 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

DSP56362P Datasheet(HTML) 112 Page - Freescale Semiconductor, Inc

Back Button DSP56362P Datasheet HTML 108Page - Freescale Semiconductor, Inc DSP56362P Datasheet HTML 109Page - Freescale Semiconductor, Inc DSP56362P Datasheet HTML 110Page - Freescale Semiconductor, Inc DSP56362P Datasheet HTML 111Page - Freescale Semiconductor, Inc DSP56362P Datasheet HTML 112Page - Freescale Semiconductor, Inc DSP56362P Datasheet HTML 113Page - Freescale Semiconductor, Inc DSP56362P Datasheet HTML 114Page - Freescale Semiconductor, Inc DSP56362P Datasheet HTML 115Page - Freescale Semiconductor, Inc DSP56362P Datasheet HTML 116Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 112 / 152 page
background image
PLL Performance Issues
DSP56362 Technical Data, Rev. 4
5-4
Freescale Semiconductor
Disable unused peripherals.
Disable unused pin activity (e.g., CLKOUT, XTAL).
One way to evaluate power consumption is to use a current per MIPS measurement methodology to
minimize specific board effects (i.e., to compensate for measured board current not caused by the DSP).
A benchmark power consumption test algorithm is listed in Appendix A. Use the test algorithm, specific
test current measurements, and the following equation to derive the current per MIPS value.
where :
ItypF2 = current at F2
ItypF1 = current at F1
F2
= high frequency (any specified operating frequency)
F1
= low frequency (any specified operating frequency lower than F2)
NOTE
F1 should be significantly less than F2. For example, F2 could be 66 MHz
and F1 could be 33 MHz. The degree of difference between F1 and F2
determines the amount of precision with which the current rating can be
determined for an application.
5.4
PLL Performance Issues
The following explanations should be considered as general observations on expected PLL behavior.
There is no testing that verifies these exact numbers. These observations were measured on a limited
number of parts and were not verified over the entire temperature and voltage ranges.
5.4.1
Phase Skew Performance
The phase skew of the PLL is defined as the time difference between the falling edges of EXTAL and
CLKOUT for a given capacitive load on CLKOUT, over the entire process, temperature, and voltage
ranges. As defined in Figure 3-1, for input frequencies greater than 15 MHz and the MF
≤ 4, this skew is
greater than or equal to 0.0 ns and less than 1.8 ns; otherwise, this skew is not guaranteed. However, for
MF < 10 and input frequencies greater than 10 MHz, this skew is between
−1.4 ns and +3.2 ns.
5.4.2
Phase Jitter Performance
The phase jitter of the PLL is defined as the variations in the skew between the falling edges of EXTAL
and CLKOUT for a given device in specific temperature, voltage, input frequency, MF, and capacitive load
on CLKOUT. These variations are a result of the PLL locking mechanism. For input frequencies greater
than 15 MHz and MF
≤ 4, this jitter is less than ±0.6 ns; otherwise, this jitter is not guaranteed. However,
for MF < 10 and input frequencies greater than 10 MHz, this jitter is less than
±2 ns.
1MIPS
1MHz
I
(
typF2
ItypF1)
F2 F1
()
×
==



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com