Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MSP430F447IPZ Datasheet(PDF) 38 Page - Texas Instruments

Click here to check the latest version.
Part # MSP430F447IPZ
Description  MIXED SIGNAL MICROCONTROLLER
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

MSP430F447IPZ Datasheet(HTML) 38 Page - Texas Instruments

Back Button MSP430F447IPZ Datasheet HTML 34Page - Texas Instruments MSP430F447IPZ Datasheet HTML 35Page - Texas Instruments MSP430F447IPZ Datasheet HTML 36Page - Texas Instruments MSP430F447IPZ Datasheet HTML 37Page - Texas Instruments MSP430F447IPZ Datasheet HTML 38Page - Texas Instruments MSP430F447IPZ Datasheet HTML 39Page - Texas Instruments MSP430F447IPZ Datasheet HTML 40Page - Texas Instruments MSP430F447IPZ Datasheet HTML 41Page - Texas Instruments MSP430F447IPZ Datasheet HTML 42Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 73 page
background image
MSP430x43x1, MSP430x43x, MSP430x44x
MIXED SIGNAL MICROCONTROLLER
SLAS344F − JANUARY 2002 − REVISED MAY 2007
38
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
electrical characteristics over recommended operating free-air temperature (unless otherwise
noted) (continued)
wake-up LPM3
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
f = 1 MHz
6
td(LPM3)
Delay time
f = 2 MHz
VCC = 2.2 V/3 V
6
μs
td(LPM3)
Delay time
f = 3 MHz
VCC 2.2 V/3 V
6
μs
RAM
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VRAMh
CPU halted (see Note 1)
1.6
V
NOTE 1: This parameter defines the minimum supply voltage when the data in program memory RAM remain unchanged. No program execution
should take place during this supply voltage condition.
LCD
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
V(33)
Voltage at P5.7/R33
2.5
VCC + 0.2
V(23)
Analog voltage
Voltage at P5.6/R23
V
3V
[V(33)−V(03)] × 2/3 + V(03)
V
V(13)
Analog voltage
Voltage at P5.5/R13
VCC = 3 V
[V(33)−V(03)] × 1/3 + V(03)
V
V(33) − V(03)
Voltage at R33 to R03
2.5
VCC + 0.2
I(R03)
R03 = VSS
No load at all
±20
I(R13)
Input leakage
P5.5/R13 = VCC/3
segment and
common lines
±20
nA
I(R23)
pg
P5.6/R23 = 2
× VCC/3
common lines,
VCC = 3 V
±20
V(Sxx0)
V(03)
V(03) − 0.1
V(Sxx1)
Segment line
I
=3
μA
V
=3V
V(13)
V(13) − 0.1
V
V(Sxx2)
Segment line
voltage
I(Sxx) = −3 μA,
VCC = 3 V
V(23)
V(23) − 0.1
V
V(Sxx3)
V(33)
V(33) + 0.1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com