Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MSP430F447IPZ Datasheet(PDF) 42 Page - Texas Instruments

Click here to check the latest version.
Part # MSP430F447IPZ
Description  MIXED SIGNAL MICROCONTROLLER
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

MSP430F447IPZ Datasheet(HTML) 42 Page - Texas Instruments

Back Button MSP430F447IPZ Datasheet HTML 38Page - Texas Instruments MSP430F447IPZ Datasheet HTML 39Page - Texas Instruments MSP430F447IPZ Datasheet HTML 40Page - Texas Instruments MSP430F447IPZ Datasheet HTML 41Page - Texas Instruments MSP430F447IPZ Datasheet HTML 42Page - Texas Instruments MSP430F447IPZ Datasheet HTML 43Page - Texas Instruments MSP430F447IPZ Datasheet HTML 44Page - Texas Instruments MSP430F447IPZ Datasheet HTML 45Page - Texas Instruments MSP430F447IPZ Datasheet HTML 46Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 73 page
background image
MSP430x43x1, MSP430x43x, MSP430x44x
MIXED SIGNAL MICROCONTROLLER
SLAS344F − JANUARY 2002 − REVISED MAY 2007
42
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
typical characteristics (Continued)
VCC
0
0.5
1
1.5
2
VCC(drop)
t pw
tpw − Pulse Width − μs
3 V
0.001
1
1000
tf
tr
tpw − Pulse Width − μs
tf = tr
Typical Conditions
VCC = 3 V
Figure 12. VCC(drop) Level With a Triangle Voltage Drop to Generate a POR/Brownout Signal
electrical characteristics over recommended operating free-air temperature (unless otherwise
noted) (continued)
SVS (supply voltage supervisor/monitor)
PARAMETER
TEST CONDITIONS
MIN
NOM
MAX
UNIT
t
dVCC/dt > 30 V/ms (see Figure 13)
5
150
μs
t(SVSR)
dVCC/dt ≤ 30 V/ms
2000
μs
td(SVSon)
SVSon, switch from VLD=0 to VLD
≠ 0, VCC = 3 V
20
150
μs
tsettle
VLD
≠ 0‡
12
μs
V(SVSstart)
VLD
≠ 0, VCC/dt ≤ 3 V/s (see Figure 13)
1.55
1.7
V
VLD = 1
70
120
155
mV
Vhys(SVS_IT−)
VCC/dt ≤ 3 V/s (see Figure 13)
VLD = 2 .. 14
V(SVS_IT−)
× 0.004
V(SVS_IT−)
× 0.008
Vhys(SVS_IT−)
VCC/dt ≤ 3 V/s (see Figure 13), external voltage applied
on A7
VLD = 15
4.4
10.4
mV
VLD = 1
1.8
1.9
2.05
VLD = 2
1.94
2.1
2.25
VLD = 3
2.05
2.2
2.37
VLD = 4
2.14
2.3
2.48
VLD = 5
2.24
2.4
2.6
VLD = 6
2.33
2.5
2.71
V
/dt
≤ 3 V/s (see Figure 13)
VLD = 7
2.46
2.65
2.86
V(SVS IT )
VCC/dt ≤ 3 V/s (see Figure 13)
VLD = 8
2.58
2.8
3
V
V(SVS_IT−)
VLD = 9
2.69
2.9
3.13
V
VLD = 10
2.83
3.05
3.29
VLD = 11
2.94
3.2
3.42
VLD = 12
3.11
3.35
3.61†
VLD = 13
3.24
3.5
3.76†
VLD = 14
3.43
3.7†
3.99†
VCC/dt ≤ 3 V/s (see Figure 13), external voltage applied
on A7
VLD = 15
1.1
1.2
1.3
ICC(SVS)
(see Note 1)
VLD
≠ 0, VCC = 2.2 V/3 V
10
15
μA
† The recommended operating voltage range is limited to 3.6 V.
‡ tsettle is the settling time that the comparator o/p needs to have a stable level after VLD is switched VLD ≠ 0 to a different VLD value somewhere
between 2 and 15. The overdrive is assumed to be > 50 mV.
NOTE 1: The current consumption of the SVS module is not included in the ICC current consumption data.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com