Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MSP430F447IPZ Datasheet(PDF) 60 Page - Texas Instruments

Click here to check the latest version.
Part # MSP430F447IPZ
Description  MIXED SIGNAL MICROCONTROLLER
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

MSP430F447IPZ Datasheet(HTML) 60 Page - Texas Instruments

Back Button MSP430F447IPZ Datasheet HTML 56Page - Texas Instruments MSP430F447IPZ Datasheet HTML 57Page - Texas Instruments MSP430F447IPZ Datasheet HTML 58Page - Texas Instruments MSP430F447IPZ Datasheet HTML 59Page - Texas Instruments MSP430F447IPZ Datasheet HTML 60Page - Texas Instruments MSP430F447IPZ Datasheet HTML 61Page - Texas Instruments MSP430F447IPZ Datasheet HTML 62Page - Texas Instruments MSP430F447IPZ Datasheet HTML 63Page - Texas Instruments MSP430F447IPZ Datasheet HTML 64Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 73 page
background image
MSP430x43x1, MSP430x43x, MSP430x44x
MIXED SIGNAL MICROCONTROLLER
SLAS344F − JANUARY 2002 − REVISED MAY 2007
60
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
APPLICATION INFORMATION
input/output schematic (continued)
port P4, P4.0 to P4.7, input/output with Schmitt-trigger
P4OUT.x
Module X OUT
P4DIR.x
Direction Control
From Module
P4SEL.x
D
EN
0
1
1
0
PnSel.x
PnDIR.x
PnOUT.x
Module X
OUT
PnIN.x
Module X IN
P4Sel.1
P4DIR.1
P4OUT.1
P4IN.1
P4Sel.2
P4DIR.2
P4OUT.2
P4IN.2
P4Sel.3
P4DIR.3
P4OUT.3
P4IN.3
P4Sel.4
P4DIR.4
P4OUT.4
P4IN.4
P4Sel.5
P4DIR.5
P4OUT.5
P4IN.5
P4Sel.0
P4DIR.0
P4OUT.0
P4IN.0
Segment xx
0: Port active
1: Segment xx function active
P4Sel.6
P4DIR.6
P4Sel.7
P4DIR.7
P4DIR.6
P4DIR.7
P4OUT.6
P4OUT.7
P4IN.6
P4IN.7
unused
unused
unused
Module X IN
P4IN.x
0< x < 7
Note:
Pad Logic
0: Input
1: Output
Bus
Keeper
Direction
From Module
Control
DVSS†
UTXD1‡
DVSS
DVSS
DVSS
DVSS
Port/LCD§
x43x(1)IPN
80-Pin
QFP:
P4.7/S2
P4.6/S3
P4.5/S4
P4.3/S6
P4.4/S5
P4.2/S7
P4.1/S8
P4.0/S9
x43xIPZ
100-Pin
QFP:
P4.7/S34
P4.6/S35
P4.5/S36
P4.3/S37
P4.4/S38
P4.2/S39
P4.0
P4.1
x44x
P4.7/S34
P4.6/S35
P4.5/UCLK1/S36
P4.4/SMO1/S37
P4.3/SIMO1/S38
P4.2/STE1/S39
P4.1/URXD1
P4.0/UTXD1
P4DIR.0†
DVCC‡
P4DIR.1†
DVSS‡
P4DIR.2†
DVSS‡
P4DIR3.†
DCM_SIMO1‡
P4DIR4.†
DCM_SOMI1‡
P4DIR5.†
DCM_UCLK1‡
DVSS†
SIMO1(out
)‡
DVSS†
SOMI1(out
)‡
DVSS†
UCLK1(out
)‡
unused†
URXD1‡
unused†
STE1(in)‡
unused†
SIMO1(in)‡
unused
SOMI1(in)‡
unused†
UCLK1(in)‡
† Signal at MSP430x43x(1)
‡ Signal at MSP430x44x
DEVICE
PORT BITS
PORT FUNCTION
LCD SEG. FUNCTION
x43x(1)IPN 80-pin QFP
P4.0 . . .P4.7
LCDM < 020h
LCDM
≥ 020h
x43xIPZ 100-pin QFP
P4.2 . . .P4.5
LCDM < 0E0h
LCDM
≥ 0E0h
x44xIPZ 100-pin QFP
P4.6 . . .P4.7
LCDM < 0C0h
LCDM
≥ 0C0h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com