Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MSP430F449IPZ Datasheet(PDF) 33 Page - Texas Instruments

Click here to check the latest version.
Part # MSP430F449IPZ
Description  MIXED SIGNAL MICROCONTROLLER
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

MSP430F449IPZ Datasheet(HTML) 33 Page - Texas Instruments

Back Button MSP430F449IPZ Datasheet HTML 29Page - Texas Instruments MSP430F449IPZ Datasheet HTML 30Page - Texas Instruments MSP430F449IPZ Datasheet HTML 31Page - Texas Instruments MSP430F449IPZ Datasheet HTML 32Page - Texas Instruments MSP430F449IPZ Datasheet HTML 33Page - Texas Instruments MSP430F449IPZ Datasheet HTML 34Page - Texas Instruments MSP430F449IPZ Datasheet HTML 35Page - Texas Instruments MSP430F449IPZ Datasheet HTML 36Page - Texas Instruments MSP430F449IPZ Datasheet HTML 37Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 73 page
background image
MSP430x43x1, MSP430x43x, MSP430x44x
MIXED SIGNAL MICROCONTROLLER
SLAS344F − JANUARY 2002 − REVISED MAY 2007
33
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
recommended operating conditions
MIN
NOM
MAX
UNITS
Supply voltage during program execution
VCC (AVCC = DVCC1 = DVCC2 = VCC) (see Note 1)
MSP430F43x(1),
MSP430F44x
1.8
3.6
V
Supply voltage during program execution, SVS enabled, PORON=1
(see Note 1 and Note 2)
VCC (AVCC = DVCC1 = DVCC2 = VCC)
MSP430F43x(1),
MSP430F44x
2
3.6
V
Supply voltage during flash memory programming
VCC (AVCC = DVCC1 = DVCC2 = VCC) (see Note 1)
MSP430F43x(1),
MSP430F44x
2.7
3.6
V
Supply voltage, VSS (AVSS = DVSS1 = DVSS2 = VSS)
0
0
V
Operating free-air temperature range, TA
MSP430x43x(1),
MSP430x44x
−40
85
°C
LF selected,
XTS_FLL=0
Watch crystal
32.768
kHz
LFXT1 crystal frequency, f(LFXT1)
(see Note 3)
XT1 selected,
XTS_FLL=1
Ceramic resonator
450
8000
kHz
(see Note 3)
XT1 selected,
XTS_FLL=1
Crystal
1000
8000
kHz
XT2 crystal frequency f
Ceramic resonator
450
8000
kHz
XT2 crystal frequency, f(XT2)
Crystal
1000
8000
kHz
Processor frequency (signal MCLK) f
VCC = 1.8 V
DC
4.15
MHz
Processor frequency (signal MCLK), f(System)
VCC = 3.6 V
DC
8
MHz
NOTES:
1. It is recommended to power AVCC and DVCC from the same source. A maximum difference of 0.3 V between AVCC and DVCC can
be tolerated during power up and operation.
2. The minimum operating supply voltage is defined according to the trip point where POR is going active by decreasing the supply
voltage. POR is going inactive when the supply voltage is raised above the minimum supply voltage plus the hysteresis of the SVS
circuitry.
3. In LF mode, the LFXT1 oscillator requires a watch crystal. In XT1 mode, LFXT1 accepts a ceramic resonator or a crystal.
1.8
3.6
2.7
3
4.15 MHz
8 MHz
Supply Voltage − V
Supply voltage range, ’F43x(1)/’F44x,
during flash memory programming
Supply voltage range,
’F43x(1)/’F44x, during
program execution
fSystem (MHz)
Figure 1. Frequency vs Supply Voltage, MSP430F43x(1) or MSP430F44x



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com