Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MSP430F449IPZ Datasheet(PDF) 46 Page - Texas Instruments

Click here to check the latest version.
Part # MSP430F449IPZ
Description  MIXED SIGNAL MICROCONTROLLER
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

MSP430F449IPZ Datasheet(HTML) 46 Page - Texas Instruments

Back Button MSP430F449IPZ Datasheet HTML 42Page - Texas Instruments MSP430F449IPZ Datasheet HTML 43Page - Texas Instruments MSP430F449IPZ Datasheet HTML 44Page - Texas Instruments MSP430F449IPZ Datasheet HTML 45Page - Texas Instruments MSP430F449IPZ Datasheet HTML 46Page - Texas Instruments MSP430F449IPZ Datasheet HTML 47Page - Texas Instruments MSP430F449IPZ Datasheet HTML 48Page - Texas Instruments MSP430F449IPZ Datasheet HTML 49Page - Texas Instruments MSP430F449IPZ Datasheet HTML 50Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 73 page
background image
MSP430x43x1, MSP430x43x, MSP430x44x
MIXED SIGNAL MICROCONTROLLER
SLAS344F − JANUARY 2002 − REVISED MAY 2007
46
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
electrical characteristics over recommended operating free-air temperature (unless otherwise
noted) (continued)
crystal oscillator, LFXT1 oscillator (see Notes 1 and 2)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
OSCCAPx = 0h, VCC = 2.2 V / 3 V
0
C
Integrated input capacitance
OSCCAPx = 1h, VCC = 2.2 V / 3 V
10
pF
CXIN
Integrated input capacitance
OSCCAPx = 2h, VCC = 2.2 V / 3 V
14
pF
OSCCAPx = 3h, VCC = 2.2 V / 3 V
18
OSCCAPx = 0h, VCC = 2.2 V / 3 V
0
C
Integrated output capacitance
OSCCAPx = 1h, VCC = 2.2 V / 3 V
10
pF
CXOUT
Integrated output capacitance
OSCCAPx = 2h, VCC = 2.2 V / 3 V
14
pF
OSCCAPx = 3h, VCC = 2.2 V / 3 V
18
VIL
Input levels at XIN
V
= 2 2 V/3 V (see Note 3)
VSS
0.2
× VCC
V
VIH
Input levels at XIN
VCC = 2.2 V/3 V (see Note 3)
0.8
× VCC
VCC
V
NOTES:
1. The parasitic capacitance from the package and board may be estimated to be 2 pF. The effective load capacitor for the crystal is
(CXIN xCXOUT) / (CXIN + CXOUT). This is independent of XTS_FLL.
2. To improve EMI on the low-power LFXT1 oscillator, particularly in the LF mode (32 kHz), the following guidelines should be observed.
− Keep as short of a trace as possible between the ’F43x(1)/44x and the crystal.
− Design a good ground plane around the oscillator pins.
− Prevent crosstalk from other clock or data lines into oscillator pins XIN and XOUT.
− Avoid running PCB traces underneath or adjacent to the XIN and XOUT pins.
− Use assembly materials and praxis to avoid any parasitic load on the oscillator XIN and XOUT pins.
− If conformal coating is used, ensure that it does not induce capacitive/resistive leakage between the oscillator pins.
− Do not route the XOUT line to the JTAG header to support the serial programming adapter as shown in other
documentation. This signal is no longer required for the serial programming adapter.
3. Applies only when using an external logic-level clock source. XTS_FLL must be set. Not applicable when using a crystal or resonator.
4. External capacitance is recommended for precision real-time clock applications; OSCCAPx = 0h.
crystal oscillator, XT2 oscillator (see Note 1)
PARAMETER
TEST CONDITIONS
MIN
NOM
MAX
UNIT
CXT2IN
Integrated input capacitance
VCC = 2.2 V/3 V
2
pF
CXT2OUT
Integrated output capacitance
VCC = 2.2 V/3 V
2
pF
VIL
Input levels at XT2IN
VCC = 2 2 V/3 V (see Note 2)
VSS
0.2
× VCC
V
VIH
Input levels at XT2IN
VCC = 2.2 V/3 V (see Note 2)
0.8
× VCC
VCC
V
NOTES:
1. The oscillator needs capacitors at both terminals, with values specified by the crystal manufacturer.
2. Applies only when using an external logic-level clock source. Not applicable when using a crystal or resonator.
USART0, USART1 (see Note 1)
PARAMETER
TEST CONDITIONS
MIN
NOM
MAX
UNIT
t
USART0/1: deglitch time
VCC = 2.2 V, SYNC = 0, UART mode
200
430
800
ns
t(τ)
USART0/1: deglitch time
VCC = 3 V, SYNC = 0, UART mode
150
280
500
ns
NOTE 1: The signal applied to the USART0/1 receive signal/terminal (URXD0/1) should meet the timing requirements of t(τ) to ensure that the
URXS flip-flop is set. The URXS flip-flop is set with negative pulses meeting the minimum-timing condition of t(τ). The operating
conditions to set the flag must be met independently from this timing constraint. The deglitch circuitry is active only on negative
transitions on the URXD0/1 line.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com