Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MSP430F449IPZ Datasheet(PDF) 26 Page - Texas Instruments

Click here to check the latest version.
Part # MSP430F449IPZ
Description  MIXED SIGNAL MICROCONTROLLER
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

MSP430F449IPZ Datasheet(HTML) 26 Page - Texas Instruments

Back Button MSP430F449IPZ Datasheet HTML 22Page - Texas Instruments MSP430F449IPZ Datasheet HTML 23Page - Texas Instruments MSP430F449IPZ Datasheet HTML 24Page - Texas Instruments MSP430F449IPZ Datasheet HTML 25Page - Texas Instruments MSP430F449IPZ Datasheet HTML 26Page - Texas Instruments MSP430F449IPZ Datasheet HTML 27Page - Texas Instruments MSP430F449IPZ Datasheet HTML 28Page - Texas Instruments MSP430F449IPZ Datasheet HTML 29Page - Texas Instruments MSP430F449IPZ Datasheet HTML 30Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 73 page
background image
MSP430x43x1, MSP430x43x, MSP430x44x
MIXED SIGNAL MICROCONTROLLER
SLAS344F − JANUARY 2002 − REVISED MAY 2007
26
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
USART0
The MSP430x43x(1) and the MSP430x44x have one hardware universal synchronous/asynchronous receive
transmit (USART0) peripheral module that is used for serial data communication. The USART supports
synchronous SPI (3 or 4 pin) and asynchronous UART communication protocols, using double-buffered
transmit and receive channels.
USART1 (MSP430x44x Only)
The MSP430x44x has a second hardware universal synchronous/asynchronous receive transmit (USART1)
peripheral module that is used for serial data communication. The USART supports synchronous SPI (3 or 4
pin) and asynchronous UART communication protocols, using double-buffered transmit and receive channels.
Operation of USART1 is identical to USART0.
timer_A3
Timer_A3 is a 16-bit timer/counter with three capture/compare registers. Timer_A3 can support multiple
capture/compares, PWM outputs, and interval timing. Timer_A3 also has extensive interrupt capabilities.
Interrupts may be generated from the counter on overflow conditions and from each of the capture/compare
registers.
Timer_A3 Signal Connections
Input Pin Number
Device Input
Module Input
Module
Module Output
Output Pin Number
PN
PZ
Device Input
Signal
Module Input
Name
Module
Block
Module Output
Signal
PN
PZ
62 - P1.5
82 - P1.5
TACLK
TACLK
ACLK
ACLK
Timer
NA
SMCLK
SMCLK
Timer
NA
62 - P1.5
82 - P1.5
TACLK
INCLK
67 - P1.0
87 - P1.0
TA0
CCI0A
67 - P1.0
87 - P1.0
66 - P1.1
86 - P1.1
TA0
CCI0B
CCR0
TA0
DVSS
GND
CCR0
TA0
DVCC
VCC
65 - P1.2
85 - P1.2
TA1
CCI1A
14 - P1.2
85 - P1.2
CAOUT (internal)
CCI1B
CCR1
TA1
ADC12 (internal)
DVSS
GND
CCR1
TA1
DVCC
VCC
59 - P2.0
79 - P2.0
TA2
CCI2A
15 - P1.3
79 - P2.0
ACLK (internal)
CCI2B
CCR2
TA2
DVSS
GND
CCR2
TA2
DVCC
VCC
timer_B3 (MSP430x43x(1) Only)
Timer_B3 is a 16-bit timer/counter with three capture/compare registers. Timer_B3 can support multiple
capture/compares, PWM outputs, and interval timing. Timer_B3 also has extensive interrupt capabilities.
Interrupts may be generated from the counter on overflow conditions and from each of the capture/compare
registers.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com