Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M68HC11K Datasheet(PDF) 39 Page - Freescale Semiconductor, Inc

Part # M68HC11K
Description  HCMOS Microcontroller Unit
PDF  290 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

M68HC11K Datasheet(HTML) 39 Page - Freescale Semiconductor, Inc

Back Button M68HC11K Datasheet HTML 35Page - Freescale Semiconductor, Inc M68HC11K Datasheet HTML 36Page - Freescale Semiconductor, Inc M68HC11K Datasheet HTML 37Page - Freescale Semiconductor, Inc M68HC11K Datasheet HTML 38Page - Freescale Semiconductor, Inc M68HC11K Datasheet HTML 39Page - Freescale Semiconductor, Inc M68HC11K Datasheet HTML 40Page - Freescale Semiconductor, Inc M68HC11K Datasheet HTML 41Page - Freescale Semiconductor, Inc M68HC11K Datasheet HTML 42Page - Freescale Semiconductor, Inc M68HC11K Datasheet HTML 43Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 290 page
background image
Pin Description
Mode Selection, Instruction Cycle Reference, and Standby Power (MODA/LIR and MODB/VSTBY)
M68HC11K Family
Technical Data
MOTOROLA
Pin Description
39
required for wire-OR configuration. Software can change the triggering
to edge sensitive.
XIRQ interrupts can be non-maskable after reset initialization. Out of
reset, the X bit in the CCR is set, masking XIRQ interrupts. Once
software clears the X bit, it cannot be reset, and the XIRQ interrupts
become non-maskable. The XIRQ input is level sensitive only. XIRQ is
often used as a power-loss detect interrupt.
Whenever IRQ or XIRQ is used with multiple interrupt sources, each
source must drive the interrupt input with an open-drain type of driver to
avoid contention between outputs. There should be a single pullup
resistor near the MCU interrupt pin (typically 4.7 k
Ω). There must also be
an interlock mechanism at each interrupt source which holds the
interrupt line low until the MCU recognizes and acknowledges the
interrupt request. If any interrupt sources are still pending after the MCU
services a request, the interrupt line will remain low, interrupting the
MCU again as soon as the I bit in the MCU is cleared (normally upon
return from an interrupt). Interrupt mechanisms are explained further in
Section 5. Resets and Interrupts.
On EPROM devices, the XIRQ pin also functions as the high-voltage
supply, VPP, during EPROM or OTPROM programming.
CAUTION:
Ensure that the voltage level at this pin is equal to VDD during normal
operation to avoid programming accidents.
2.9 Mode Selection, Instruction Cycle Reference, and Standby Power
(MODA/LIR and MODB/VSTBY)
During reset, MODA and MODB select one of four operating modes:
1. Single-chip
2. Expanded
3. Bootstrap
4. Special test
For full descriptions of these modes, refer to 4.5 Operating Modes.
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com