Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M68HC11K Datasheet(PDF) 83 Page - Freescale Semiconductor, Inc

Part # M68HC11K
Description  HCMOS Microcontroller Unit
PDF  290 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

M68HC11K Datasheet(HTML) 83 Page - Freescale Semiconductor, Inc

Back Button M68HC11K Datasheet HTML 79Page - Freescale Semiconductor, Inc M68HC11K Datasheet HTML 80Page - Freescale Semiconductor, Inc M68HC11K Datasheet HTML 81Page - Freescale Semiconductor, Inc M68HC11K Datasheet HTML 82Page - Freescale Semiconductor, Inc M68HC11K Datasheet HTML 83Page - Freescale Semiconductor, Inc M68HC11K Datasheet HTML 84Page - Freescale Semiconductor, Inc M68HC11K Datasheet HTML 85Page - Freescale Semiconductor, Inc M68HC11K Datasheet HTML 86Page - Freescale Semiconductor, Inc M68HC11K Datasheet HTML 87Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 83 / 290 page
background image
Operating Modes and On-Chip Memory
Memory Map
M68HC11K Family
Technical Data
MOTOROLA
Operating Modes and On-Chip Memory
83
Figure 4-4. M68HC11KS2 Family Memory Map
Table 4-4 shows the default memory map addresses for the M68HC11K
Family devices.
$0480
$1000
$0D80
$8000
$FFC0
$FFFF
EXTERNAL
0000
007F
0080
047F
0D80
0FFF
8000
FFFF
EXTERNAL
EXTERNAL
BE00
BFC0
BFFF
FFC0
FFFF
SINGLE-
CHIP
EXPANDED BOOTSTRAP
SPECIAL
TEST
EXTERNAL
Note: 1.EPROM can be enabled in special test mode by setting the ROMON bit in the CONFIG register after reset.
128-BYTE REGISTER BLOCK
(CAN BE REMAPPED TO ANY 4K
BOUNDARY BY THE INIT REGISTER)
1.0-KBYTE RAM
(CAN BE REMAPPED TO ANY 4-KBYTE
BOUNDARY BY THE INIT REGISTER)
640-BYTE EEPROM
(CAN BE REMAPPED TO ANY 4-KBYTE
BOUNDARY BY THE INIT2 REGISTER)
BOOT ROM
(ONLY PRESENT IN
SPECIAL BOOT MODE)
SPECIAL MODES
INTERRUPT
VECTORS
NORMAL MODES
INTERRUPT
VECTORS
32K ROM/
EPROM
(CAN BE
RE-MAPPED TO
$0000–$7FFF
BY THE CONFIG
REGISTER)(1),(2)
$0000
Table 4-4. Default Memory Map Addresses
[7]11K4
[7]11KS2
Registers
$0000–$007F
$0000–$007F
RAM
$0080–$037F
$0080–$047F
EEPROM
$0D80–$0FFF
$0D80–$0FFF
ROM/EPROM
$A000–$FFFF
$8000–$FFFF
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com