Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PAC7121 Datasheet(PDF) 33 Page - Freescale Semiconductor, Inc

Part # PAC7121
Description  Microcontroller Family Hardware Specifications
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

PAC7121 Datasheet(HTML) 33 Page - Freescale Semiconductor, Inc

Back Button PAC7121 Datasheet HTML 29Page - Freescale Semiconductor, Inc PAC7121 Datasheet HTML 30Page - Freescale Semiconductor, Inc PAC7121 Datasheet HTML 31Page - Freescale Semiconductor, Inc PAC7121 Datasheet HTML 32Page - Freescale Semiconductor, Inc PAC7121 Datasheet HTML 33Page - Freescale Semiconductor, Inc PAC7121 Datasheet HTML 34Page - Freescale Semiconductor, Inc PAC7121 Datasheet HTML 35Page - Freescale Semiconductor, Inc PAC7121 Datasheet HTML 36Page - Freescale Semiconductor, Inc PAC7121 Datasheet HTML 37Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 56 page
background image
ElectricalCharacteristics
MAC7100 Microcontroller Family Hardware Specifications, Rev. 1.2
Preliminary
Freescale Semiconductor
33
3.13.3 Page Erase Timing
The time required to erase a 4 Kbyte program or 1 Kbyte data Flash logical page is calculated using the
formulas:
Eqn. 22
Eqn. 23
3.13.4 Page Erase Verify Timing
The time required to verify that a program Flash page is erased depends on the location of the first
non-blank word. The time required for the operation is calculated using the formula:
Eqn. 24
The time required to verify that a data Flash page is erased is calculated using the formula:
Eqn. 25
3.13.5 Programming Timing
Programming time is dependant on the fIPS and fNVMOP frequencies, and is calculated for a single word
using the formula:
Eqn. 26
Burst programming can be utilized with the program Flash, where up to 32 words in a row can be
programmed consecutively by keeping the command pipeline filled. The time to program a consecutive
word is calculated using the formula:
Eqn. 27
Therefore, the time to program a 32-word row is calculated using the formula:
Eqn. 28
Note that burst programming is more than 2 times faster than single word programming.
3.13.6 Data Signature Timing1
The time required to perform a data signature command is dependant on the number of words or
half-words compressed during the operation, and is calculated using the formula:
Eqn. 29
1. This feature is not available on mask set L49P and L47W devices.
t
erap
4096 t
NVMOP
⋅
15
+
t
IPS
⋅
=
t
erad
1024 t
NVMOP
⋅
15
+
t
IPS
⋅
=
t
pevp
4
1024
×
4
----------------------
⎝⎠
⎛⎞
15
+
t
IPS
×
=
t
pevd
1
1024
×
4
----------------------
⎝⎠
⎛⎞
15
+
t
IPS
×
=
t
swpgm
9t
NVMOP
⋅
25 t
IPS
⋅
+
=
t
bwpgm
4t
NVMOP
⋅
9t
IPS
⋅
+
=
t
brpgm
t
swpgm
31 t
bwpgm
⋅
+
=
t
dsig
Words or Half-Words
15
+
() t
IPS
⋅
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com